Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO Datasheet(PDF) 5 Page - TEMEX

Part # VCXO
Description  Space VCXO - Voltage Controlled Crystal Oscillator Flat Pack, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

VCXO Datasheet(HTML) 5 Page - TEMEX

  VCXO Datasheet HTML 1Page - TEMEX VCXO Datasheet HTML 2Page - TEMEX VCXO Datasheet HTML 3Page - TEMEX VCXO Datasheet HTML 4Page - TEMEX VCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Space VCXO-Voltage Controlled Crystal Oscillator Flat Pack, General
Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
5/5
Performance Characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output
Nominal frequency range
MHz
5
10
150
Output level (50 Ω
Ω
Ω
Ω load)
dBm
3
6
Harmonics level
dBc
– 25
Spurious (offset > 50 Hz)
dBc
– 80
Phase noise in static conditions @ 40 MHz
@ 10 Hz offset
dBc/Hz
–75
@ 100 Hz offset
dBc/Hz
– 100
@ 1 kHz offset
dBc/Hz
– 130
@ 10 kHz offset or greater
dBc/Hz
– 150
Free running mode (Vctrl pin NC)
Initial setting
ppm
10
Stability vs. temperature
ppm
15
Stability vs. 5 % supply voltage variation
ppm
0.5
Stability vs. 10 % load variation
ppm
0.5
Aging over first year
ppm
7
Electrical tuning (Vctrl pin)
Relative pulling frequency range
ppm
± 70
Input impedance
Ω
Ω
Ω
Ω
10k
Linearity
%
20
Supply voltage (Vcc pin)
Voltage range
VDC
4.75
5
12.6
Supply power @ 25 °C under vacuum
W
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com