Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXOULNHFD Datasheet(PDF) 2 Page - TEMEX

Part # VCXOULNHFD
Description  Ultra Low Noise Voltage Controlled Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

VCXOULNHFD Datasheet(HTML) 2 Page - TEMEX

  VCXOULNHFD Datasheet HTML 1Page - TEMEX VCXOULNHFD Datasheet HTML 2Page - TEMEX VCXOULNHFD Datasheet HTML 3Page - TEMEX VCXOULNHFD Datasheet HTML 4Page - TEMEX VCXOULNHFD Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultra Low Noise Voltage Controlled Crystal Oscillator,
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
•
Ultra Low Noise (ULN), Voltage Controlled, Crystal Oscillator (VC)XO
•
Frequency range : 80 to 125 MHz
•
Ultra low phase noise @ 100 MHz : - 158 dBc/Hz @ 1 kHz offset
- 174 dBc/Hz @ 10 kHz offset (noise floor)
•
Operating temperature range : [−40 – +85 °C]
•
Airborne environment
•
7-pin machined package with inner shock absorbers + SMA connector for the frequency output
•
Typical phase noise @ 100 MHz (static conditions):
Applications
Airborne military equipment
Radar & Telecom
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
– 40
+ 85
Storage temperature range
°C
– 55
+ 125
Relative humidity
Up to 100% at Ta = 0°C to 85°C without condensing
Vibration, random
As per MIL-STD-810, Issue F (cat 5)
Vibration, sine
As per MIL-STD-810, method 519.5 procedure IV
Acceleration
As per MIL-STD-810, method 513.5 procedures I,II and III
Shock (half sine)
As per MIL-STD-810, method 516.5 procedure I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com