Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8803 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP8803
Description  Cost effective 3W LED driver for consumer applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8803 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP8803 Datasheet HTML 1Page - Diodes Incorporated AP8803 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
AP8803
NPA Number 001
NPA Number 001
AP8803
Cost effective 3W LED driver for
consumer applications
Diodes Medium voltage High brightness LED Drivers
Part
Number
Min. 
Input 
Voltage
Max.
Input
Voltage
Max.
Output
Voltage
Typ
Peak
Output
Current
LED
current
accuracy 
Switching
Frequency
(max)
Efficiency
Operating
temperature
range
Quiescent
Current
(typ)
Standby
Quiescent
Current
(typ)
Package
Outline
VV
V
A
%
kHz
%
°CmA
µA
ZXLD1362
6
60
60
1
5
1000
95
40 to 125
65
TSOT23 5
ZXLD1362
6
60
60
1
5
1000
95
‐40 to 125
‐
65
TSOT23‐5
ZXLD1366
6
60
60
1
3
500
95
‐40 to 125
‐
65
TSOT23‐5, 
DFN3030‐6
ZXLD1356
6
60
60
0.55
3
1000
97
‐40 to 125
‐
65
TSOT23‐5, 
DFN3030‐6
AP8802
8
48
48
1
7
500
92
‐40 to 105
‐
120
SO‐8,
SO‐8‐EP, 
DFN3030‐10
AP8801
8
48
48
0.5
7
500
92
‐40 to 105
‐
120
SO‐8,
MSOP‐8,
ZXLD1360
7
30
30
1
5
1000
95
‐40 to 125
‐
20
TSOT23‐5
AP8803
8
30
30
1
8
700
92
‐40 to 105
1.8
‐
TSOT23‐5
ZXLD1350
7
30
30
0.35
5
1000
95
‐40 to 105
‐
15
TSOT23‐5
ZXLD1352
7
30
30
0.35
5
1000
97
‐40 to 105
‐
20
TSOT23‐5
SO 8
To find out more information:
Web page
http://www.diodes.com/products/catalog/list.php?parent‐id=91
Datasheet 
http://www.diodes.com/datasheets/AP8803.pdf
AP8800
8
28
28
0.35
7
600
92
‐40 to 85
‐
30
SO‐8,
MSOP‐8,
DFN3030‐10
Ordering information
Device
Packaging
Pack  mark
Reel  size
Tape width
Quantity
AP8803WTG‐7
TSOT23‐5
AYYW
7”
8mm
3000
All variants are in packages that are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex 
Notes
www.diodes.com
Notes
Codes for date coding on part marks
Y  Year 0~9
W A~Z week 1~26  a~z week 27~53   



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com