Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX811 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APX811
Description  Tiny microprocessor supervisors with manual reset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX811 Datasheet(HTML) 2 Page - Diodes Incorporated

  APX811 Datasheet HTML 1Page - Diodes Incorporated APX811 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
APX811/812
Tiny microprocessor supervisors
with manual reset
NPA Number 001
Diodes Microprocessor Supervisors
Ordering information
Device
Packaging
Pack mark
Reel size
Tape width
Quantity
APX811-46UG-7
APX811-44UG-7
APX811-40UG-7
APX811-31UG-7
APX811-29UG-7
APX811-26UG-7
APX811-23UG-7
SOT143
C2 YWX
C3 YWX
C4 YWX
C5 YWX
C6 YWX
C7 YWX
C8 YWX
7”
8mm
3000
APX812-46UG-7
APX812-44UG-7
APX812-40UG-7
APX812-31UG-7
APX812-29UG-7
APX812-26UG-7
APX812-23UG-7
SOT143
C9 YWX
CA YWX
CB YWX
CC YWX
CD YWX
CE YWX
CF YWX
7”
8mm
1500
To find out more information:
Web page
http://www.diodes.com/products/catalog/list.php?parent-id=85
Datasheet
http://www.diodes.com/datasheets/APX811_812.pdf
Codes for date coding on part marks:
Y Year 0~9
W A~Z week 1~26 a~z week 27~53
X A~Z: Green
Detect
Voltages
(V)
Operating
Voltage
Range
(V)
Quiescent
Current
(uA)
Typical
Time
Delay
(ms)
RESE
T
RES
ET
MR
Watchdo
g
Reset
Output
Topology
Ambient
Temp
Range
(
°C)
Package Outlines
APX809
2.25/
2.63/
2.93/
3.08/
4.00/
4.38/
4.63
1 ~ 5.5
20
200
N
Y
N
N
Push-Pull
-40 to +85 SOT23/SOT23R
APX810
1 ~ 5.5
20
200
Y
N
N
N
Push-Pull
-40 to +85 SOT23/SOT23R
APX811
1 ~ 5.5
20
200
N
Y
Y
N
Push-Pull
-40 to +85
SOT143
APX812
1 ~ 5.5
20
200
Y
N
Y
N
Push-Pull
-40 to +85
SOT143
APX823
1 ~ 5.5
25
200
N
Y
Y
Y
Push-Pull
-40 to +85
SOT25
APX824
1 ~ 5.5
25
200
Y
Y
N
Y
Push-Pull
-40 to +85
SOT25
APX825A
1 ~ 5.5
25
200
Y
Y
Y
Y
Push-Pull
-40 to +85
SOT26
ZM33164-3
2.68
1 ~ 10
190
-
N
Y
N
N
Open collector -40 to +85
SOT223
ZSM560
4.6
1 ~ 6.5
200
-
N
Y
N
N
Open collector -40 to +85
SOT223



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com