Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4174 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4174
Description  Industrial Tip, Stainless Steel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4174 Datasheet(HTML) 1 Page - Pomona Electronics

  4174 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90447 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4174_1_01.doc
Page 1 of
1
Model 4174
Industrial Tip, Stainless Steel
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• #2 Sharp tapered tip for piercing conformal coating and surface contamination
• Plugs into pin tip jacks; example Pomona Model 3542.
• Used on Model Numbers 5676, 5677A, 5309, 5075, 5950, 59515689, 5325
MATERIALS:
Stainless Steel 410 passivated
ORDERING INFORMATION: Model 4174
Parts are packaged 10 per bag


Similar Part No. - 4174

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4174 ADAFRUIT-4174 Datasheet
490Kb / 2P
Short Female Header Kit for ItsyBitsy
5-3-19
More results

Similar Description - 4174

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6479 POMONA-6479 Datasheet
202Kb / 2P
Stainless Steel Sharp Tip Probe Set
logo
List of Unclassifed Man...
BU-26101 ETC2-BU-26101 Datasheet
77Kb / 1P
Insulated Plug-On Test Prod With Stainless Steel Tip
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com