Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4530 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4530
Description  BNC (Male) With Molded Strain Relief To Stacking Double Banana Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4530 Datasheet(HTML) 1 Page - Pomona Electronics

  4530 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90359 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4530_1_01.doc
Page 1 of
1
Model 4530
BNC (Male) With Molded Strain Relief
To Stacking Double Banana Plug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Cable allows interconnection between Banana Plug and BNC based test instruments.
• BNC Connector and Double Banana Plug are molded directly to the cable for superior cable strength.
• Double Banana Plug features nickel plated Beryllium Copper springs for tarnish resistance and long insertion
Life
•
Double Banana Plugs have vertical and horizontal stacking capabilities.
MATERIALS:
BNC: Body: Brass, Nickel Plated, Center Pin: Brass, Gold Plated, Impedance: 50 Ohms
Strain Relief and Molded Breakout: PVC, Color: Black
Cable: RG58C/U, Capacitance: 30.8 pF/Ft., O.D.: .195” (5,0 0mm) Nom.
Marking “POMONA ELECTRONICS 4530-C-XX”
Double Banana Plug: Body – Brass, Nickel Plated
Spring – Beryllium Copper, Nickel Plated
Insulation: Polypropylene, Color: Black
RATING:
Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage environments: 500VRMS Max.
Operating Temperature: 50°C (+122°F) Max.
ORDERING INFORMATION: Model 4530-C-XX
XX = Cable Type, Std. Lengths: 18” (45.72cm), 24” (60.96 cm), 36” (91.44 cm), 48” (121.92 cm)
& 60” (152.40 cm) Ordering Example: 4530-C-36, Cable length will be 36” long.
Additional lengths are available upon request.


Similar Part No. - 4530

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4530 WELWYN-4530 Datasheet
197Kb / 2P
High Voltage Planar Dividers
logo
List of Unclassifed Man...
4530 ETC2-4530 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
TT Electronics.
4530 TTELEC-4530 Datasheet
269Kb / 2P
voltage up to 15 kv dc
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
Advanced modular controller with built-in serial port
logo
Heyco.
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 4530

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-BNC POMONA-2BC-BNC Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
1270 POMONA-1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
4945 POMONA-4945 Datasheet
41Kb / 1P
BNC (Male) With Molded Strain Relief
5187 POMONA-5187 Datasheet
34Kb / 1P
BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
5423 POMONA-5423 Datasheet
27Kb / 1P
BNC Male With Molded Strain Relief To Minipincer Test Clips
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
83Kb / 1P
BNC MALE TO DOUBLE BANANA PLUG
logo
Pomona Electronics
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
MODEL1270 POMONA-MODEL1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
logo
List of Unclassifed Man...
BU-5070-B-12-0 ETC2-BU-5070-B-12-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
BU-5070-B-24-0 ETC2-BU-5070-B-24-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com