Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR6045 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR6045
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR6045 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR6045 Datasheet HTML 1Page - Motorola, Inc MBR6045 Datasheet HTML 2Page - Motorola, Inc MBR6045 Datasheet HTML 3Page - Motorola, Inc MBR6045 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR6045PT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Instantaneous Forward Voltage (1)
@ IF = 30 Amps, TC = 25°C
@ IF = 30 Amps, TC = 125°C
@ IF = 60 Amps, TC = 25°C
VF
0.62
0.55
0.75
Volts
Instantaneous Reverse Current (1)
@ Rated DC Voltage, TC = 25°C
@ Rated DC Voltage, TC = 100°C
IR
1.0
50
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Reverse Current
Figure 2. Typical Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
vF, INSTANTANEOUS FORWARD VOLTAGE (mV)
1000
100
10
1
0.1
0.01
50
40
30
20
10
0
TC = 150°C
TC = 100°C
TC = 25°C
100
10
1
100
200
300
400
500
600
700
800
150
°C
100
°C
TC = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com