Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C541 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD2C541
Description  Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C541 Datasheet(HTML) 3 Page - Solid State Optronic

  AD2C541 Datasheet HTML 1Page - Solid State Optronic AD2C541 Datasheet HTML 2Page - Solid State Optronic AD2C541 Datasheet HTML 3Page - Solid State Optronic AD2C541 Datasheet HTML 4Page - Solid State Optronic AD2C541 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD2C541
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
0
0.03 0.05 0.08 0.1 0.13 0.15 0.18
Turn-Off Tim e (ms)
AD2C541
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
0.6 0.65 0.7 0.75 0.8 0.85 0.9 0.95
On-Resistance (ohms)
AD2C541
0
20
40
60
80
100
0.05 0.06 0.07 0.08 0.09 0.1 0.11 0.12
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD2C541
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
64
66
68
70
72
74
76
78
Blocking Voltage (V)
AD2C541
0
100
200
300
400
500
600
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD2C541
Maximum Load Current vs. Temperature
0
10
20
30
40
50
60
0.60.8
1
1.2
1.41.6
1.8
2
Turn-On Tim e (ms)
AD2C541
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD2C541
rev 1.42 (5/15/2008)
© 2008 Solid State Optronics • San José, CA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com