Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M261 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M261
Description  Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M261 Datasheet(HTML) 1 Page - Solid State Optronic

  M261 Datasheet HTML 1Page - Solid State Optronic M261 Datasheet HTML 2Page - Solid State Optronic M261 Datasheet HTML 3Page - Solid State Optronic M261 Datasheet HTML 4Page - Solid State Optronic M261 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M261
1 Form A
Solid State Relay
The M261 is a bi-directional, single-pole, single-throw, normally open solid-state relay. It offers low on-resistance and high load current
ratings in an ultra miniature 4 pin SOP package. The relay consists of an AlGaAs infrared LED, optically coupled to an IC, which in turn
drives two back to back enhancement type DMOS transistors.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Low On-resistance (1 ohm MAX)
•
High Load Current Rating (400mA continuous)
•
Low input current (2.5 mA TYP)
•
Miniature 4 pin SOP package
•
High input-output isolation (1500Vrms)
•
Solid state reliability
•
Multiplexers
•
Meter Reasing Systems
•
Data Acquisition
•
Medical Equipment
•
Battery Monitoring
•
Security Systems
•
Tape and Reel packing option (2,000pcs/reel)
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
125
Continuous Forward
Current
mA
50
Peak Forward Current
(1us)
A
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
400
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL File # E201932
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
M261
rev 1.41 (2/18/2009)
© 2009 Solid State Optronics • San José, CA


Similar Part No. - M261

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M261 NUVOTON-M261 Datasheet
10Mb / 398P
Arm짰 Cortex짰-M 32-bit Microcontroller
logo
Solid State Inc
M261 SOLIDSTATE-M261 Datasheet
176Kb / 5P
Low On-resistance (1 ohm MAX)
logo
Monolithic Power System...
M26123 MPS-M26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
More results

Similar Description - M261

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com