Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5145 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5145
Description  Incapsulated Double Banana Plug Shorting Bar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5145 Datasheet(HTML) 1 Page - Pomona Electronics

  5145 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90622 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5145_1_01.doc
Page 1 of
1
Model 5145
Incapsulated Double Banana Plug
Shorting Bar
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Low profile, completely insulated shorting bar.
• Insulation has finger ridge for ease of insertion and removal.
• Mates to Model #2269 or any standard double banana jack.
MATERIALS:
Shorting Bar:
Material: Brass per QQ-B-613, Composition 2, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
Insulation:
Polypropylene molded to banana plugs and shorting bar. Color: Clear
Marking: “POMONA ELECTRONICS” “MODEL 5145”.
Banana Plugs:
Material: Spring – Beryllium Copper per QQ-C-533, Berylco 25, Cond. H.T.
Plug Body – Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
RATINGS:
Operating Temperature: +50
°C. (+122°F.) Max.
Current: 15 Amperes
Resistance: Less than 1.5 milliohms installed.
ORDERING INFORMATION: Model 5145


Similar Part No. - 5145

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5145 SCHURTER-5145 Datasheet
1Mb / 6P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
805Kb / 8P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1,003Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1,003Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
04.01.2022
logo
Molex Electronics Ltd.
5145-02BH MOLEX-5145-02BH Datasheet
293Kb / 2P
KK3.96 SOLDER REC HSG ASSY
REV. J 2009/01/13
More results

Similar Description - 5145

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1368 POMONA-1368 Datasheet
39Kb / 1P
Double Banana Plug To Single Banana Plug Breakouts
2035 POMONA-2035 Datasheet
40Kb / 1P
Miniature Double Banana Shorting Bar Plug
3030 POMONA-3030 Datasheet
25Kb / 1P
Miniature Double Banana Plug Shorting Bar
3452 POMONA-3452 Datasheet
30Kb / 1P
Shorting Bar Pin Tip Plug
5165 POMONA-5165 Datasheet
26Kb / 1P
Encapsulated Double Banana Plug Shorting Bar With Binding Post
logo
Pasternack Enterprises,...
PE33449 PASTERNACK-PE33449 Datasheet
118Kb / 1P
CABLE ASSEMBLY RG223/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
logo
3M Electronics
5165-0 3M-5165-0 Datasheet
26Kb / 1P
Encapsulated Double Banana Plug Shorting Bar With Binding Post
09-Jun-1999
logo
List of Unclassifed Man...
BU-P3452 ETC2-BU-P3452 Datasheet
180Kb / 1P
Shorting Bar Pin Tip Plug
BU-P4115 ETC2-BU-P4115 Datasheet
509Kb / 1P
Shorting Bar
BU-PMDP-S-0 ETC2-BU-PMDP-S-0 Datasheet
186Kb / 1P
Double Banana Plug with Shorting Bar
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com