Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-9366AAAAAI6TIG2 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-9366AAAAAI6TIG2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-9366AAAAAI6TIG2 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-9366AAAAAI6TIG2 Datasheet HTML 17Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 18Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 19Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 20Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 21Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 22Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 23Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 24Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
21
2. Diode
Use an externally mounted that meets the following conditions.
• Low forward voltage (Schottky barrier diode or similar type)
• High switching speed
• Reverse withstand voltage of VOUT + spike voltage or more
• Rated current of IPK or more
3. Input capacitor (CIN) and output capacitor (COUT)
To improve efficiency, an input capacitor (CIN) lowers the power supply impedance and averages the input current.
Select CIN according to the impedance of the power supply used. The recommended capacitance is 10
µF for the
S-8365/8366 Series.
An output capacitor (COUT), which is used to smooth the output voltage, requires a capacitance larger than that of
the step-down type because the current is intermittently supplied from the input to the output side in the step-up
type. A 22
µF ceramic capacitor is recommended for the S-8365/8366 Series. However, a higher capacitance is
recommended if the output voltage is high or the load current is large. If the output voltage or load current is low,
about 10
µF can be used without problems.
Select COUT after sufficient evaluation with actual application.
A ceramic capacitor can be used for both the input and output.
4. Capacitor for setting short-circuit protection delay time (CSP) (products with short-circuit
protection)
For the S-8365/8366 Series, the short-circuit protection delay time can be set to any value by using an external
capacitor. Connect the capacitor between the CSP and VSS pins. Select the capacitor value according to the
equation below and Figure 18.
Note, however, that the equation and figure show a theoretical value assuming an ideal capacitor value and typ. IC
conditions. Variations of the capacitor and IC are not considered.
For the IC variations, see the short-circuit protection delay time (tPRO) in “ Electrical Characteristics”.
CSP [
µF] ≅
tPRO [ms]
× 1.2 × 10−
3
0.6
CSP [
µF]
0
0.05
0.10
0.15
0.20
0.25
0
20
40
60
80
100
120
Figure 18 CSP vs. tPRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com