Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSQR4448 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSQR4448
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSQR4448 Datasheet(HTML) 1 Page - Comchip Technology

  CDSQR4448 Datasheet HTML 1Page - Comchip Technology CDSQR4448 Datasheet HTML 2Page - Comchip Technology CDSQR4448 Datasheet HTML 3Page - Comchip Technology CDSQR4448 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Switching Diode
SMD Diodes Specialist
Page 1
QW-A0035
REV:B
High Speed
Features
Fast Switching Speed.
Designed for mounting on small surface.
Extremely thin/leadless package.
Mechanical data
Case: 0402(1005) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Marking Code: Cathode band & S5
Mounting position: Any
Weight: 0.001 gram(approx.).
CDSQR4448 (RoHS Device)
A
mA
V
V
1
125
80
100
IO
VR
VRRM
IFSM
O
Maximum Rating (at TA=25 C unless otherwise noted)
TP = 1uS
Average forward current
Reverse voltage
Repetitive peak reverse voltage
Forward current,surge peak
Parameter
Conditions
Symbol Min Typ Max Unit
OC
OC
+125
+125
-40
TSTG
Tj
Storage temperature
Junction temperature
mW
125
PD
Power Dissipation
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
V
0.72
VF
Forward voltage
IF = 5 mA
0.62
P
F
9
CT
Capacitance between terminals
f = 1 MH , and 0.5 VDC reverse voltage
Z
nA
25
IR
Reverse current
VR = 20 V
nS
9
Trr
Reverse recovery time
IF = IR = 10mA,Irr=0.1 X
,R =100ohm
IR
L
Parameter
Conditions
Symbol Min Typ Max Unit
2
TP = 8.3mS
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0402(1005)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
Comchip Technology CO., LTD.
1
100
IF= 100 mA
VR = 80 V


Similar Part No. - CDSQR4448

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSQR4448-HF COMCHIP-CDSQR4448-HF Datasheet
194Kb / 4P
SMD Switching Diode
CDSQR4448S-HF COMCHIP-CDSQR4448S-HF Datasheet
125Kb / 4P
SMD Switching Diode
More results

Similar Description - CDSQR4448

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com