Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBER40 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBER40
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBER40 Datasheet(HTML) 1 Page - Comchip Technology

  CDBER40 Datasheet HTML 1Page - Comchip Technology CDBER40 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Io = 200 mA
VR = 40 Volts
CDBER40
SMD Schottky Barrier Diode
QW-A1090
Page 1
REV:A
SMD Diodes Specialist
(RoHs Device)
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
IO
VR(RMS)
VR
VRM
Average forward rectified current
Reverse voltage
Peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
RMS reverse voltage
mA
V
V
V
200
28
40
40
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
A
0.6
PD
Power dissipation
mW
150
TSTG
Tj
Storage temperature
Junction temperature
OC
OC
+125
+125
-65
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
IF = 40mA
IF = 1mA
VF
V
1
0.38
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Reverse current
Capacitance between terminals
Reverse recovery time
VR = 30V
f = 1 MHz, and 0 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 ohm
IR
CT
Trr
uA
pF
nS
5
5
0.2
Features
Low reverse current.
Designed for mounting on small surface.
Extremely thin/leadless package.
Majority carrier conduction.
Mechanical data
Case: 0503(1308) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any
Weight: 0.002 gram(approx.).
0.053(1.35)
0.045(1.15)
0.034(0.85)
0.026(0.65)
0.030(0.75)
0.024(0.60)
Dimensions in inches and (millimeter)
0503(1308)
0.022(0.55) Typ.
0.016(0.40) Typ.
Comchip Technology CO., LTD.


Similar Part No. - CDBER40

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBER40-HF COMCHIP-CDBER40-HF Datasheet
196Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBER40

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com