Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBER42 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBER42
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBER42 Datasheet(HTML) 1 Page - Comchip Technology

  CDBER42 Datasheet HTML 1Page - Comchip Technology CDBER42 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
CDBER42/43
CDBER42
CDBER43
CDBER42
CDBER43
IF = 10mA
IF = 200mA
IF = 50mA
IF = 2mA
IF = 15mA
VF
V
0.4
1
0.65
0.33
0.45
Reverse current
Capacitance between terminals
Reverse recovery time
VR = 25V
f = 1 MHz, and 1 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 ohm
IR
CT
Trr
uA
pF
nS
5
10
0.5
Io = 200 mA
VR = 30 Volts
CDBER42/43
SMD Schottky Barrier Diode
(RoHs Device)
QW-A1091
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Page 1
Typ
IO
IFSM
VR(RMS)
VR
VRM
IFRM
Repetitive peak forward current
Average forward rectified current
Reverse voltage
Peak reverse voltage
Forward current,surge peak
Symbol
Parameter
Conditions
Min
Max Unit
RMS reverse voltage
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
A
A
mA
V
V
V
4
0.5
200
21
30
30
TSTG
Tj
Storage temperature
Junction temperature
OC
OC
+125
+125
-55
PD
Power dissipation
Thermal resistance junction
to ambient air
mW
OC/W
150
667
R JA
REV:A
SMD Diodes Specialist
0.053(1.35)
0.045(1.15)
0.034(0.85)
0.026(0.65)
0.030(0.75)
0.024(0.60)
Dimensions in inches and (millimeter)
0503(1308)
0.022(0.55) Typ.
0.016(0.40) Typ.
Features
Low forward voltage.
Designed for mounting on small surface.
Extremely thin/leadless package.
Majority carrier conduction.
Mechanical data
Case: 0503(1308) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any
Weight: 0.002 gram(approx.).
Comchip Technology CO., LTD.


Similar Part No. - CDBER42

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBER42 COMCHIP-CDBER42 Datasheet
125Kb / 4P
SMD Schottky Barrier Diode
CDBER42-43 COMCHIP-CDBER42-43 Datasheet
125Kb / 4P
SMD Schottky Barrier Diode
CDBER42-43 COMCHIP-CDBER42-43 Datasheet
125Kb / 4P
SMD Schottky Barrier Diode
CDBER42-43-HF COMCHIP-CDBER42-43-HF Datasheet
125Kb / 4P
SMD Schottky Barrier Diode
CDBER42-43-HF COMCHIP-CDBER42-43-HF Datasheet
125Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBER42

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com