Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBK70 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBK70
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBK70 Datasheet(HTML) 1 Page - Comchip Technology

  CDBK70 Datasheet HTML 1Page - Comchip Technology CDBK70 Datasheet HTML 2Page - Comchip Technology CDBK70 Datasheet HTML 3Page - Comchip Technology CDBK70 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Diode
Page 1
QW-A1129
REV:A
SMD Diodes Specialist
Features
Low forward Voltage.
Designed for mounting on small surface.
Extremely thin / leadless package.
Majority carrier conduction.
Mechanical data
Case: SOD-123F standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Marking code: cathode band & BG
Mounting position: Any
Weight: 0.011 gram(approx.).
(RoHS Device)
CDBK70
Io = 70 mA
VR = 70 Volts
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
IF = 15mA
IF = 1mA
VF
V
1
0.41
Reverse current
IR
uA
VR = 50V
Capacitance between terminals
Reverse recovery time
f = 1 MHz, and 0 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 Ohm
CT
Trr
pF
nS
5
2
0.1
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
IO
VR(RMS)
VR
VRM
Average forward rectified current
Reverse voltage
Peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
RMS reverse voltage
mA
V
V
V
70
49
70
70
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
A
0.1
OC
+125
TSTG
Tj
Storage temperature
Junction temperature
OC
+125
-65
0.144(3.65)
0.136(3.45)
0.024(0.60) Typ.
0.069(1.75)
0.061(1.55)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
SOD-123F
0.012 (0.30) Typ.
0.057(1.45) Typ.
Comchip Technology CO., LTD.


Similar Part No. - CDBK70

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBK0140L COMCHIP-CDBK0140L Datasheet
195Kb / 4P
SMD Schottky Barrier Diode
CDBK0140R COMCHIP-CDBK0140R Datasheet
195Kb / 4P
SMD Schottky Barrier Diode
CDBK0520 COMCHIP-CDBK0520 Datasheet
125Kb / 2P
SMD Schottky Barrier Diode
CDBK0520-HF COMCHIP-CDBK0520-HF Datasheet
194Kb / 4P
SMD Schottky Barrier Diode
CDBK0520L COMCHIP-CDBK0520L Datasheet
89Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBK70

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com