Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST60-B2Y-1R0-R10KZB Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # RST60-B2Y-1R0-R10KZB
Description  HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RST60-B2Y-1R0-R10KZB Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  RST60-B2Y-1R0-R10KZB Datasheet HTML 1Page - American Accurate Components, Inc. RST60-B2Y-1R0-R10KZB Datasheet HTML 2Page - American Accurate Components, Inc. RST60-B2Y-1R0-R10KZB Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – Non Inductive Chassis Mount, Screw Terminal
The content of this specification may change without notification 02/19/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
SPECIFICATIONS
Series
Body Type/Circuit
Rated
Power
Resistance
Resistance
Range (
Ω)
EIA Values
TCR
(ppm/°C)
Tolerance
Operating Temp.
RST15*-
A4X, A4Y
150 W
Dual
0.1 ~ 1.0K
E24
±100
±5%
-55°C ~ +155°C
RST15-
B4X, B4Y
150 W
Dual
0.1 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST20*-
A2X, A2Y, A4Z
200 W
Single
0.1 ~ 1.0K
E24
±100
±5%
-55°C ~ +155°C
RST20-
B2X, B2Y, B4Z
200 W
Single
0.1 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST25*-
A4X
250 W
Dual
1.0 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST25-
B4X, B4Y
250 W
Dual
0.1 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST30*-
A4Z
300 W
Single
1.0 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST30-
B2X, B2Y, B4Z
300 W
Single
0.1 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST55-
B4X, B4Y
550 W
Dual
50.0 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST60-
A4X
600 W
Dual
100 ~ 1.0K
All
±100
±10%
-55°C ~ +155°C
RST60-
B2X, B2Y, B4Z
600 W
Single
50.0 ~ 1.0K
E24
±100
±5%
-55°C ~ +120°C
RST90-
A4Z
600 W
Single
100 ~ 1.0K
All
±100
±10%
-55°C ~ +155°C
PERFORMANCE
Item
RST15*, RST20*
All other Series
Condition
Rated Power
Per specification
Per specification
RST15, RST20: with heat sink, 0.9 K/W
All Other Models: at flange -55°C ~ +25°C
Maximum Applied Voltage
E = √P*R
E = √P*R
Withstanding Voltage
2500V DC
2500V DC
60 seconds
Load Life
± (1.0% + 0.05 Ω)
± (1.0% + 0.05 Ω)
25°C, 90 min on, 30 min off, 1000 hrs
Humidity
± (1.0% + 0.05 Ω)
± (1.0% + 0.05 Ω)
40°C, 90 ~ 95% RH, DC 0.1W, 1000 hrs
*70°C, 90 ~ 95% RH, DC 0.1W, 1000 hrs
Temperature Cycle
± (1.0% + 0.05 Ω)
± (1.0% + 0.05 Ω)
-55°C, 30 min., +155°C, 30 min.; 20 cycles
-55°C, 30 min., +120°C, 30 min.; 20 cycles
Short Time Overload
± (0.25% + 0.05 Ω)
± (0.25% + 0.05 Ω)
Rated Power x 2.5, 2 sec. with heat sink
Soldering Heat
n/a
± (0.25% + 0.05 Ω)
350°C
± 5°C, 3 seconds
Solderability
n/a
n/a
Insulation Resistance
> 1,000 Meg ohm
> 1,000 Meg ohm
Between Terminals and Flange
Vibration
± (0.25% + 0.05 Ω)
± (0.25% + 0.05 Ω)
Flammability
UL94V-O
UL94V-O
PULSE OPERATION DURABLITY
1 = RST30- B2X, B2Y, B4Z
2 = RST25-B4X, B4Y (one resistor)
The figure illustrating pulse load shows the safe operation area, which measured
experimentally and which can operate with a rectangle pulse of a long cycle. However,
data does not guarantee the operation about the continuous pulse load of a short cycle in
which a resistor carries out a temperature rise with average electric power. Pulse peak
power recommends operating within the rated electric power. Pulse operation of models
RST60-B2X, B2Y, B4Z are the same as models RST30- B2X, B2Y, B4Z.
NOTES
For RST60-A4X and RST90-A4Z
When water cooled heat sink is used, maintaining a flange temperature of 25°C is difficult.
When the flange temperature is over 25°C, the rating will be decreased as illustrated in
the derating curve. In short pulse applications, the peak power can not exceed over
600W.
Pulse Peak Power (Watts)
Pulse Width (seconds)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com