Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST15-B4X-1R0-R10KZB Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # RST15-B4X-1R0-R10KZB
Description  HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RST15-B4X-1R0-R10KZB Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  RST15-B4X-1R0-R10KZB Datasheet HTML 1Page - American Accurate Components, Inc. RST15-B4X-1R0-R10KZB Datasheet HTML 2Page - American Accurate Components, Inc. RST15-B4X-1R0-R10KZB Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – Non Inductive Chassis Mount, Screw Terminal
The content of this specification may change without notification 02/19/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
3
DERATING CURVE
RST15-A4X, A4Y
RST20-A2X, A2Y, A4Z
RST25-A4X
RST30-A4Z
% Rated Power
Flange Temperature (°C)
% Rated Power
Flange Temperature (°C)
RST15-B4X, B4Y
RST20-B2X, B2Y, B4Z
RST25- B4X, B4Y
RST30- B2X, B2Y, B4Z
RST55-B4X, B4Y
RST60-A4X, B2X, B2Y, B4Z
% Rated Power
Flange Temperature (°C)
% Rated Power
Flange Temperature (°C)
TEMPERATURE RISE
RST20-A2X, A2Y, A4Z with 0.2K/W heat sink
RST30-A4Z with 0.1K/W heat sink
Temperature Rise (°C)
Temperature Rise (°C)
RST30- B2X, B2Y, B4Z with 0.1° C/W heat sink
RST60-AX4, B2X, B2Y, B4Z
Temperature Rise (°C)
Temperature Rise (°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com