Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHP-20D-R02JYR Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # RHP-20D-R02JYR
Description  HIGH POWER RESISTOR - 20W to 140W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHP-20D-R02JYR Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  RHP-20D-R02JYR Datasheet HTML 1Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 2Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 3Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 4Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 5Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 6Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 7Page - American Accurate Components, Inc. RHP-20D-R02JYR Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – 20W to 140W
The content of this specification may change without notification 12/07/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
3
ELECTRICAL SPECIFICATIONS
Model
RHP-10X
RHP-10B
RHP-10C
RHP-20D
RHP-20B
RHP-20C
Rated Power(heat sink)
20W
20W
20W
20W
35W
20W
Rated Power
1W
1W
1W
2W
1W
1W
Heat Resistance
5.9 C/W
5.9 C/W
5.9 C/W
3.3 C/W
3.3 C/W
3.3 C/W
Withstanding
Voltage
2000V AC
2000V DC
2000V DC
2000V DC
2200V DC (1500V AC)
2200V DC (1500V AC)
Max. Operating Voltage
-
500V or √P*R
500V or √P*R
500V or √P*R
500V or √P*R
500V or √P*R
Resistance
0.01 ~ 0.091
0.10 ~ 9.1
10 ~ 220
Nominal Resistance
E6
E24
E24
TCR (ppm°C)
±250
±100
±50
Tolerance
±5%
±5%, ±1%
±1%
Operating Temp.
-55C°C ~ +155°C
Model
RHP-50A
RHP-50B
& RHP-50C
RHP-100A
Rated Power(heat sink)
100W
50W
140W
Rated Power
3W
1W
3W
Max. Applied Power
100W
-
-
Heat Resistance
1.3 C/W
2.3 C/W
0.9 C/W
Withstanding
Voltage
2500V AC
2000V DC
2500V AC
Max. Operating Voltage
700V or √P*R (applied)
500V or √P*R
700V or √P*R (applied)
Resistance
0.01~0.091
0.1 ~ 9.1
10 ~ 220
0.1 ~ 9.1
10 ~ 220
0.02~0.091
0.1 ~ 9.1
10 ~ 220
Nominal Resistance
E6
E12
E24
E24
E24
E6
E12
E24
TCR (ppm°C)
>
±250
±100
±50
±100
±50
>
±250
±100
±50
Tolerance
±5%
±5%, ±1%
±1%
±5%, ±1%
±1%
±5%
±5%, ±1%
±1%
Operating Temp.
-55C°C ~ +155°C
Resistance Range from 240 ohm to 51K ohm is available as a semi-custom solution for al of the RHP series.
Values such as 2.0, 2.5, 4.0, and 5.0 are available upon special request.
PERFORMANCE
Item
Performance
Condition
All other models
As specified
-55°C ~ +25°C flange temperature
Rated Power
RHP-50A, 100A
As specified
All other models
As specified
Free Air
Rated Power (without heat sink)
RHP-20D
As specified
Attached on a simple footprint
Withstanding Voltage
As specified
60 seconds
Load Life
± (1.0%+0.05Ω)
25°C, 90 min on, 30 min. off, 1000 hrs.
All other models
40°C, 90-95% RH, DC 0.1W, 1000 hrs.
Humidity
RHP-10X
± (1.0%+0.05Ω)
60°C, 90-95% RH, DC 0.1W, 1000 hrs.
All other models; RHP-20B & 20C (0.10 ~ 220
Ω)
± (0.25%+0.05Ω)
Temperature Cycle
RHP-20B & 20C (0.02 ~ 0.091
Ω)
± (1.0%+0.05Ω)
-55°C, 30 min., +155°C 30min, 5 cycles
All other models; RHP-20B & 20C (0.10 ~ 220
Ω)
± (0.1%+0.05Ω)
RHP-50A, 100A
± (0.25%+0.05Ω)
Soldering Heat
RHP-20B & 20C (0.02 ~ 0.091
Ω)
± (0.5%+0.05Ω)
350°C
±5°C for 3 sec.
All other models
> 95% of the surface
Solderability
RHP-10X, RHP-50A, 100A
> 75% of round
230°C
±5°C for 3 sec.
Insulation Resistance
> 1,000 Meg
Ω
Between terminals and metal back plate
Vibration
± (0.25%+0.05Ω)
The performance data applies to all RHP models unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com