Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2499 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 9Page - Linear Technology LTC2499 Datasheet HTML 10Page - Linear Technology LTC2499 Datasheet HTML 11Page - Linear Technology LTC2499 Datasheet HTML 12Page - Linear Technology LTC2499 Datasheet HTML 13Page - Linear Technology LTC2499 Datasheet HTML 14Page - Linear Technology LTC2499 Datasheet HTML 15Page - Linear Technology LTC2499 Datasheet HTML 16Page - Linear Technology LTC2499 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTC2499
13
2499fc
CONVERTER OPERATION
Converter Operation Cycle
The LTC2499 is a multichannel, low power, delta-sigma
analog-to-digital converter with a 2-wire, I2C interface.
Its operation is made up of four states (see Figure 1).
The converter operating cycle begins with the conver-
sion, followed by the sleep state and ends with the data
input/output cycle .
Initially, at power-up, the LTC2499 performs a conversion.
Once the conversion is complete, the device enters the
sleep state. While in the sleep state, power consumption is
reduced by two orders of magnitude. The part remains in
the sleep state as long it is not addressed for a read/write
operation. The conversion result is held indefinitely in a
static shift register while the part is in the sleep state.
The device will not acknowledge an external request dur-
ing the conversion state. After a conversion is finished,
the device is ready to accept a read/write request. Once
the LTC2499 is addressed for a read operation, the device
begins outputting the conversion result under the control
of the serial clock (SCL). There is no latency in the conver-
sion result. The data output is 32 bits long and contains a
24-bit plus sign conversion result. Data is updated on the
falling edges of SCL allowing the user to reliably latch data
on the rising edge of SCL. A new conversion is initiated
by a stop condition following a valid write operation or an
incomplete read operation. The conversion automatically
begins at the conclusion of a complete read cycle (all 32
bits read out of the device).
Ease of Use
The LTC2499 data output has no latency, filter settling
delay, or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog inputs is straightforward. Each conver-
sion, immediately following a newly selected input or
mode, is valid and accurate to the full specifications of
the device.
The LTC2499 automatically performs offset and full-scale
calibration every conversion cycle independent of the input
channel selected. This calibration is transparent to the user
APPLICATIONS INFORMATION
Figure 1. State Transition Table
and has no effect on the operation cycle described above.
The advantage of continuous calibration is extreme stability
of offset and full-scale readings with respect to time, supply
voltage variation, input channel and temperature drift.
Easy Drive Input Current Cancellation
The LTC2499 combines a high precision, delta-sigma ADC
with an automatic, differential, input current cancellation
front end. A proprietary front-end passive sampling network
transparently removes the differential input current. This
enables external RC networks and high impedance sen-
sors to directly interface to the LTC2499 without external
amplifiers. The remaining common mode input current
is eliminated by either balancing the differential input im-
pedances or setting the common mode input equal to the
common mode reference (see the Automatic Differential
Input Current Cancellation section). This unique architec-
ture does not require on-chip buffers, thereby enabling
signals to swing beyond ground and VCC. Moreover, the
CONVERSION
SLEEP
2499 F01
YES
NO
ACKNOWLEDGE
YES
NO
STOP
OR READ
32 BITS
DATA OUTPUT/INPUT
POWER-ON RESET
DEFAULT CONFIGURATION:
IN+ = CH0, IN– = CH1
50Hz/60Hz REJECTION
1x OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com