Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2881 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2881
Description  Complete Isolated RS485/RS422 關Module Transceiver Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2881 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2881 Datasheet HTML 9Page - Linear Technology LTM2881 Datasheet HTML 10Page - Linear Technology LTM2881 Datasheet HTML 11Page - Linear Technology LTM2881 Datasheet HTML 12Page - Linear Technology LTM2881 Datasheet HTML 13Page - Linear Technology LTM2881 Datasheet HTML 14Page - Linear Technology LTM2881 Datasheet HTML 15Page - Linear Technology LTM2881 Datasheet HTML 16Page - Linear Technology LTM2881 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM2881
13
2881f
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to
any voltage within the absolute maximum range of (VCC2
–15V) to (GND2 +15V) levels. The maximum VCC2 current
in this condition is 250mA. If the pin voltage exceeds
about ±10V, current limit folds back to about half of the
peak value to reduce overall power dissipation and avoid
damaging the part.
The device also features thermal shutdown protection
that disables the driver and receiver output in case of
excessive power dissipation (See Note 4 in the Electrical
Characteristics section).
SLO Mode
The LTM2881 features a logic-selectable reduced slew rate
mode (SLO mode) that softens the driver output edges to
reduce EMI emissions from equipment and data cables.
The reduced slew rate mode is entered by taking the SLO
pin low to GND2, where the data rate is limited to about
250kbps. Slew limiting also mitigates the adverse effects
of imperfect transmission line termination caused by stubs
or mismatched cables.
Figures 9a and 9b show the frequency spectrums of the
LTM2881 driver outputs in normal and SLO mode operating
at 250kbps. SLO mode significantly reduces the high
frequency harmonics.
Receiver and Failsafe
With the receiver enabled, when the absolute value of the
differential voltage between the A and B pins is greater than
200mV, the state of RO will reflect the polarity of (A-B).
During data communication the receiver detects the state
of the input with symmetric thresholds around 0V. The
symmetric thresholds preserve duty cycle for attenuated
signals with slow transition rates on high capacitive busses,
or long cable lengths. The receiver incorporates a failsafe
feature that guarantees the receiver output to be a logic-
high during an idle bus, when the inputs are shorted, left
open or terminated, but not driven. The failsafe feature
eliminates the need for system level integration of network
pre-biasing by guaranteeing a logic-high on RO under
APPLICATIONS INFORMATION
Figure 9a. Frequency Spectrum SLO Mode 125kHz Input
Figure 9b. Normal Mode Frequency Spectrum 125kHz Input
FREQUENCY 1.25MHz/DIV
2881 F09a
12.5
6.25
0
FREQUENCY 1.25MHz/DIV
2881 F09b
12.5
6.25
0
the conditions of an idle bus. Further network biasing
constructed to condition transient noise during an idle
state is unnecessary due to the common mode transient
rejection of the LTM2881. The failsafe detector monitors
A and B in parallel with the receiver and detects the state
of the bus when A-B is above the input failsafe threshold
for longer than about 3μs with a hysteresis of 25mV. This
failsafe feature is guaranteed to work for inputs spanning
the entire common mode range of –7V to 12V.
The receiver output is internally driven high (to VL) or low
(to GND) with no external pull-up needed. When the receiver
is disabled the RO pin becomes Hi-Z with leakage of less
than ±1μA for voltages within the supply range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com