Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3050 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3050
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3050 Datasheet HTML 9Page - Linear Technology LT3050 Datasheet HTML 10Page - Linear Technology LT3050 Datasheet HTML 11Page - Linear Technology LT3050 Datasheet HTML 12Page - Linear Technology LT3050 Datasheet HTML 13Page - Linear Technology LT3050 Datasheet HTML 14Page - Linear Technology LT3050 Datasheet HTML 15Page - Linear Technology LT3050 Datasheet HTML 16Page - Linear Technology LT3050 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3050
13
3050f
External Programmable Current Limit (IMAX Pin)
The IMAX pin is the collector of a PNP which mirrors the
LT3050 output at a ratio of approximately 1:200 (see Block
Diagram). The IMAX pin is also the input to the precision
current limit amplifier. If the output load increases to the
point where it causes the IMAX pin voltage to reach 0.6V,
the current limit amplifier takes control of output regulation
so that the IMAX pin clamps at 0.6V, regardless of the
output voltage. The current limit threshold (ILIMIT) is set
by attaching a resistor (RIMAX) from IMAX to GND:
R
119.22 0.894 V
I
IMAX
OUT
LIMIT
=
−
•
This equation is empirically derived and partially
compensates for early voltage effects in the IMAX current
mirror. It is valid for an input voltage range from 0.6V
above the output to 10V above the output. It is valid for
output voltages up to 12V. The accuracy of this equation
for setting the resistor value is approximately ±1%. Unit
values are Amps, Volts, and Ohms.
In cases where the IN to OUT voltage exceeds 10V, fold-
back current limit will lower the internal current level limit,
possibly causing it to preempt the external programmable
current limit. See the Internal Current Limit vs VIN – VOUT
graph in the Typical Performance Characteristics section.
If the external programmable current limit is not needed,
the IMAX pin must be connected to GND. The IMAX pin
OPERATION
requires a 10nF decoupling capacitor.
See the Typical Performance Characteristics section for
additional information.
FAULT Pin Operation
The FAULT pin is an open collector logic pin which asserts
during internal current limit, precision current limit, thermal
limit, or a minimum current fault. There is no internal
pull-up on the FAULT pin; an external pull-up resistor is
required. The FAULT pin provides drive for up to 100μA
of pull-down current. Off state logic may be as high as
45V, regardless of the input voltage used. When asserted,
the FAULT pin drive circuitry adds 50μA (nominal) of GND
pin current.
Depending on the IMIN capacitance, BYP capacitance,
and OUT capacitance, the FAULT pin may assert during
startup. Consideration should be given to masking the
FAULT signal during startup. The FAULT pin circuitry is
inactive (not asserted) during shutdown and when the
OUT pin is pulled above the IN pin.
Operation in Dropout
The LT3050 contains circuitry which prevents the PNP
output power device from saturating in dropout. This also
keeps the IMON, IMIN, and IMAX current mirrors functioning
accurately, even in dropout. However, this anti-saturation
circuitry becomes less active at lower output currents, so
there is some degradation of current mirror function for
output currents less than 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com