Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306E Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1306E
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306E Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1306E Datasheet HTML 14Page - Maxim Integrated Products DS1306E Datasheet HTML 15Page - Maxim Integrated Products DS1306E Datasheet HTML 16Page - Maxim Integrated Products DS1306E Datasheet HTML 17Page - Maxim Integrated Products DS1306E Datasheet HTML 18Page - Maxim Integrated Products DS1306E Datasheet HTML 19Page - Maxim Integrated Products DS1306E Datasheet HTML 20Page - Maxim Integrated Products DS1306E Datasheet HTML 21Page - Maxim Integrated Products DS1306E Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS1306
21 of 22
NOTES:
1) ICC1T and ICC2T are specified with CE set to a logic 0.
2) ICC1A and ICC2A are specified with CE = VCC, SCLK = 2MHz at VCC = 5V; SCLK = 500kHz at VCC =
2.0V, VIL = 0V, VIH = VCC.
3) Measured at VIH = 2.0V or VIL = 0.8V and 10ms maximum rise and fall time.
4) Measured with 50pF load.
5) Measured at VOH = 2.4V or VOL = 0.4V.
6) VCC = VCC1, when VCC1 > VCC2 + 0.2V (typical); VCC = VCC2, when VCC2 > VCC1.
7) VCC2 = 0V.
8) VCC1 = 0V.
9) VCC1 < VBAT.
10) VCCIF must be less than or equal to the largest of VCC1, VCC2, and VBAT.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 PDIP
P16+1
21-0043
20 TSSOP
U20+1
21-0066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com