Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1977-F5 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1977-F5
Description  Password-Protected 32KB EEPROM iButton
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1977-F5 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1977-F5 Datasheet HTML 1Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 2Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 3Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 4Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 5Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 6Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 7Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 8Page - Maxim Integrated Products DS1977-F5 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DS1977
2 of 29
PHYSICAL SPECIFICATION
Size
See mechanical drawing
Weight DS1977
Ca. 3.3g
ABSOLUTE MAXIMUM RATINGS
I/O Voltage to GND
-0.3V, +5.5V
I/O Sink Current
20mA
Junction Temperature
+150°C
Storage Temperature Range
-40°C to +85°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
ELECTRICAL CHARACTERISTICS
(VPUP = 2.8V to 5.25V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O Pin General Data
1-Wire Pullup
Resistance
RPUP
(Notes 1, 2)
0.6
2.2
k
Input Capacitance
CIO
(Note 3)
5
nF
Input Load Current
IL
I/O pin at VPUP
1
10
µA
High-to-Low Switching
Threshold
VTL
(Notes 4, 5)
0.5
3.2
V
Input Low Voltage
VIL
(Notes 1, 6)
0.30
V
Low-to-High Switching
Threshold
VTH
(Notes 4, 7)
0.7
3.4
V
Switching Hysteresis
VHY
(Note 8)
0.15
N/A
V
Output-Low Voltage at
4mA
VOL
(Note 9)
0.4
V
Standard speed, RPUP= 2.2k
(Note 1)
5
Overdrive speed, RPUP= 2.2k
(Note 1)
2
Recovery Time
tREC
Overdrive speed, directly prior
to reset pulse; RPUP= 2.2k
(Note 1)
5
µs
Standard speed (Note 10)
0.5
5
Rising-Edge Hold-off
Time
tREH
Overdrive speed (Note 10)
0.5
2
µs
Standard speed (Note 1)
65
Timeslot Duration
tSLOT
Overdrive speed (Note 1)
8
µs
I/O Pin, 1-Wire Reset, Presence Detect Cycle
Standard speed (Note 1)
480
640
Reset Low Time
tRSTL
Overdrive Speed (Note 1)
48
80
µs
Standard speed (Note 11)
15
60
Presence Detect High
Time
tPDH
Overdrive speed (Note 11)
2.5
6.5
µs
Standard speed, VPUP > 4.5V
(Note 12)
1.5
5
Standard speed (Note 12)
1.5
8
Presence Detect Fall
Time
tFPD
Overdrive speed (Note 12)
0.15
1
µs
Standard speed
60
240
Presence Detect Low
Time
tPDL
Overdrive speed
8
24
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com