Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306EN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1306EN
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306EN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1306EN Datasheet HTML 1Page - Maxim Integrated Products DS1306EN Datasheet HTML 2Page - Maxim Integrated Products DS1306EN Datasheet HTML 3Page - Maxim Integrated Products DS1306EN Datasheet HTML 4Page - Maxim Integrated Products DS1306EN Datasheet HTML 5Page - Maxim Integrated Products DS1306EN Datasheet HTML 6Page - Maxim Integrated Products DS1306EN Datasheet HTML 7Page - Maxim Integrated Products DS1306EN Datasheet HTML 8Page - Maxim Integrated Products DS1306EN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS1306
2 of 22
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
TOP MARK*
DS1306
0°C to +70°C
16 DIP (300 mils)
DS1306
DS1306+
0°C to +70°C
16 DIP (300 mils)
DS1306 +
DS1306N
-40°C to +85°C
16 DIP (300 mils)
DS1306N
DS1306N+
0°C to +70°C
16 DIP (300 mils)
DS1306N +
DS1306E
0°C to +70°C
20 TSSOP (173 mils)
DS1306
DS1306E+
0°C to +70°C
20 TSSOP (173 mils)
DS1306 +
DS1306EN
-40°C to +85°C
20 TSSOP (173 mils)
DS1306N
DS1306EN+
-40°C to +85°C
20 TSSOP (173 mils)
DS1306N +
DS1306EN/T&R
-40°C to +85°C
20 TSSOP (173 mils)
DS1306N
DS1306EN+T&R
-40°C to +85°C
20 TSSOP (173 mils)
DS1306N +
DS1306E/T&R
0°C to +70°C
20 TSSOP (173 mils)
DS1306
DS1306E+T&R
0°C to +70°C
20 TSSOP (173 mils)
DS1306 +
+Denotes a lead(Pb)-free/RoHS-compliant package
T&R = Tape and reel.
*An “N” on the top mark indicates an industrial device.
PIN DESCRIPTION
PIN
TSSOP
DIP
NAME
FUNCTION
1
1
VCC2
Backup Power Supply. This is the secondary power supply pin. In systems
using the trickle charger, the rechargeable energy source is connected to this
pin.
2
2
VBAT
Battery Input for Any Standard +3V Lithium Cell or Other Energy
Source. If not used, VBAT must be connected to ground. Diodes must not be
placed in series between VBAT and the battery, or improper operation will
result. UL recognized to ensure against reverse charging current when used
in conjunction with a lithium battery. See “Conditions of Acceptability” at
www.maxim-ic.com/TechSupport/QA/ntrl.htm.
3
3
X1
5
4
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal
oscillator is designed for operation with a crystal having a specified load
capacitance of 6pF. For more information on crystal selection and crystal
layout considerations, refer to Application Note 58, “Crystal Considerations
with Dallas Real-Time Clocks.” The DS1306 can also be driven by an
external 32.768kHz oscillator. In this configuration, the X1 pin is connected
to the external oscillator signal and the X2 pin is floated.
7
5
INT0
Active-Low Interrupt 0 Output. The
INT0 pin is an active-low output of
the DS1306 that can be used as an interrupt input to a processor. The
INT0
pin can be programmed to be asserted by Alarm 0. The
INT0 pin remains
low as long as the status bit causing the interrupt is present and the
corresponding interrupt enable bit is set. The
INT0 pin operates when the
DS1306 is powered by VCC1, VCC2, or VBAT. The INT0 pin is an open-drain
output and requires an external pullup resistor.
8
6
INT1
Interrupt 1 Output. The INT1 pin is an active-high output of the DS1306
that can be used as an interrupt input to a processor. The INT1 pin can be
programmed to be asserted by Alarm 1. When an alarm condition is present,
the INT1 pin generates a 62.5ms active-high pulse. The INT1 pin operates
only when the DS1306 is powered by VCC2 or VBAT. When active, the INT1
pin is internally pulled up to VCC2 or VBAT. When inactive, the INT1 pin is
internally pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com