Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3092EDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3092EDD
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092EDD Datasheet(HTML) 2 Page - Linear Technology

  LT3092EDD Datasheet HTML 1Page - Linear Technology LT3092EDD Datasheet HTML 2Page - Linear Technology LT3092EDD Datasheet HTML 3Page - Linear Technology LT3092EDD Datasheet HTML 4Page - Linear Technology LT3092EDD Datasheet HTML 5Page - Linear Technology LT3092EDD Datasheet HTML 6Page - Linear Technology LT3092EDD Datasheet HTML 7Page - Linear Technology LT3092EDD Datasheet HTML 8Page - Linear Technology LT3092EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT3092
2
3092fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage Relative to SET, OUT ........................±40V
SET Pin Current (Note 6) .....................................±15mA
SET Pin Voltage (Relative to OUT, Note 6)...............±10V
Output Short-Circuit Duration .......................... Indefinite
(Note 1) All Voltages Relative to VOUT
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT
OUT
NC
SET
IN
IN
NC
NC
TJMAX = 125°C, θJA = 28°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO OUT
ON THE PCB. SEE THE APPLICATIONS INFORMATION SECTION.
3
2
1
TOP VIEW
TAB IS OUT
IN
OUT
SET
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 125°C, θJA = 24°C/W, θJC = 15°C/W
TAB IS OUT, MUST BE SOLDERED TO OUT ON THE PCB.
SEE THE APPLICATIONS INFORMATION SECTION.
NC 1
OUT 2
OUT 3
OUT 4
8 IN
7 IN
6 NC
5 SET
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 57°C/W, θJC = 15°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3092EDD#PBF
LT3092EDD#TRPBF
LFJD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3092IDD#PBF
LT3092IDD#TRPBF
LFJD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3092EST#PBF
LT3092EST#TRPBF
3092
3-Lead Plastic SOT-223
–40°C to 125°C
LT3092IST#PBF
LT3092IST#TRPBF
3092
3-Lead Plastic SOT-223
–40°C to 125°C
LT3092MPST#PBF
LT3092MPST#TRPBF
3092MP
3-Lead Plastic SOT-223
–55°C to 125°C
LT3092ETS8#PBF
LT3092ETS8#TRPBF
LTFJW
8-Lead Plastic SOT-23
–40°C to 125°C
LT3092ITS8#PBF
LT3092ITS8#TRPBF
LTFJW
8-Lead Plastic SOT-23
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3092EDD
LT3092EDD#TR
LFJD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3092IDD
LT3092IDD#TR
LFJD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3092EST
LT3092EST#TR
3092
3-Lead Plastic SOT-223
–40°C to 125°C
LT3092IST
LT3092IST#TR
3092
3-Lead Plastic SOT-223
–40°C to 125°C
LT3092MPST
LT3092MPST#TR
3092MP
3-Lead Plastic SOT-223
–55°C to 125°C
LT3092ETS8
LT3092ETS8#TR
LTFJW
8-Lead Plastic SOT-23
–40°C to 125°C
LT3092ITS8
LT3092ITS8#TR
LTFJW
8-Lead Plastic SOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Notes 2, 8)
E, I Grades ......................................... –40°C to 125°C
MP Grade........................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (ST, TS8 Packages Only)
Soldering, 10 sec.............................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com