Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEIC515 Datasheet(PDF) 7 Page - IXYS Corporation

Part # DEIC515
Description  15 Ampere Low-Side Ultrafast RF MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DEIC515 Datasheet(HTML) 7 Page - IXYS Corporation

  DEIC515 Datasheet HTML 1Page - IXYS Corporation DEIC515 Datasheet HTML 2Page - IXYS Corporation DEIC515 Datasheet HTML 3Page - IXYS Corporation DEIC515 Datasheet HTML 4Page - IXYS Corporation DEIC515 Datasheet HTML 5Page - IXYS Corporation DEIC515 Datasheet HTML 6Page - IXYS Corporation DEIC515 Datasheet HTML 7Page - IXYS Corporation DEIC515 Datasheet HTML 8Page - IXYS Corporation DEIC515 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DEIC515
15 Ampere Low-Side Ultrafast RF MOSFET Driver
High \ Low State Output Resistance vs. Supply Voltage
0.3
0.4
0.5
0.6
0.7
0.8
5
10
15
20
25
30
V
CC / VCCIN (V )
High St at e
Low St at e
Output Source Current vs. Temperature
VCC \ VCCIN \ VIN = 15V
10
11
12
13
14
15
16
17
-50
0
50
100
Temperature (C)
Output Sink Current vs. Tem perature
V
CC \ V CCIN \ V IN = 15V
-22
-21
-20
-19
-18
-17
-16
-15
-50
0
50
100
Tem perature (C)
Output Sink Current vs. Supply Voltage
-30
-25
-20
-15
-10
-5
5
10
15
20
25
30
V
CC \ VCCIN \ V IN
Output Source Current vs. Supply Voltage
5
10
15
20
25
30
5
10
15
20
25
30
VCC \ VCCIN \ VIN
Fig. 16
Fig. 17
Fig. 18
Fig. 19
Fig. 20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com