Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28107
Description  Precision Single and Dual Low Noise Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28107 Datasheet HTML 1Page - Intersil Corporation ISL28107 Datasheet HTML 2Page - Intersil Corporation ISL28107 Datasheet HTML 3Page - Intersil Corporation ISL28107 Datasheet HTML 4Page - Intersil Corporation ISL28107 Datasheet HTML 5Page - Intersil Corporation ISL28107 Datasheet HTML 6Page - Intersil Corporation ISL28107 Datasheet HTML 7Page - Intersil Corporation ISL28107 Datasheet HTML 8Page - Intersil Corporation ISL28107 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN6631.1
November 16, 2009
Ordering Information
PART NUMBER
(Notes 1, 3)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28207FBZ
28207 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28207FBZ-T7 (Note 2)
28207 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28207FBZ-T13 (Note 2)
28207 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28107FBZ
28107 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28107FBZ-T7 (Note 2)
28107 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28107FBZ-T13 (Note 2)
28107 FBZ
-40 to +125
8 Ld SOIC
M8.15E
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. “-T7” and “-T13” suffix is for tape and reel. Please refer to TB347 for details on reel specifications.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28107 and ISL28207. For more information on
MSL please see techbrief TB363.
Pin Configurations
ISL28107
(8 LD SOIC)
TOP VIEW
ISL28207
(8 LD SOIC)
TOP VIEW
NC
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
NC
V+
VOUTA
NC
+
-
VOUTA
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
V+
VOUTB
-IN_B
+IN_B
+
-
+-
Pin Descriptions
ISL28107
(8 LD SOIC)
ISL28207
(8 LD SOIC)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
3
+IN_A
Circuit 1
Amplifier A non-inverting input
44
V-
Circuit 3
Negative power supply
5
+IN_B
Circuit 1
Amplifier B non-inverting input
6
-IN_B
Circuit 1
Amplifier B inverting input
7VOUTB
Circuit 2
Amplifier B output
7
8
V+
Circuit 3
Positive power supply
61
VOUTA
Circuit 2
Amplifier A output
2
2
-IN_A
Circuit 1
Amplifier A inverting input
1, 5, 8
NC
-
No internal connection
V+
V-
OUT
CIRCUIT 2
CIRCUIT 1
V
V-
CIRCUIT 3
IN-
V+
V-
IN+
CAPACITIVELY
TRIGGERED
500
Ω
500
Ω
ISL28107, ISL28207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com