Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS150TC25110 Datasheet(PDF) 2 Page - IXYS Corporation

Part # GS150TC25110
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

GS150TC25110 Datasheet(HTML) 2 Page - IXYS Corporation

  GS150TC25110 Datasheet HTML 1Page - IXYS Corporation GS150TC25110 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim, Germany
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYSRF/Directed Energy, Inc.
2401 Research Blvd. Ste 108, Fort Collins, CO 80526
Phone: (970) 493-1901, Fax: 970-493-1903, www.directedenergy.com
© 2003 IXYSRF/Directed Energy, Inc.
GS150TA25110
GS150TI25110
GS150TC25110
Fig. 1Typical forward characteristics
Fig. 2 Typical junction capacity
versus blocking voltage
Fig. 3 Typical leakage current vs. voltage at 25C
Fig. 4 Typical leakage current vs. temperature at 100V
0.10
1.00
10.00
100.00
0.00
0.50
1.00
1.50
2.00
Volts
0
50
100
150
200
250
300
1.00E-06
1.00E-05
1.00E-04
LEAKAGE CURRENT IN AMPERES
0
20
40
60
80
100
120
140
160
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
LEAKAGE CURRENT IN AMPERES
10
100
1000
0.1
1
10
100
1000
REVERSE BIAS VOLTAGE IN VOLTS
CAPACITANCE
Explanatory comparison of the basic operational behavior of rectifier diodes and Gallium Arsenide
Schottky diodes:
Conduction
Forward characteristics
Turn off characteristics
Turn on characteristics
By majority + minority carriers
V
F (IF)
Extraction of excess carriers
causes temperature dependant
reverse recovery (t
rr, IRM, Qrr)
Delayed saturation leads to V
FR
Rectifier Diode
By majority carriers only
V
F (IF), see Fig. 1
Reverse current charges
junction capacity C
J, see Fig. 2;
not temperature dependent
No turn on overvoltage peak
GaAs Schottky Diode
Doc #9200-0262 Rev 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com