Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP Datasheet(PDF) 1 Page - Pomona Electronics

Part # MDP
Description  Stackable Double Banana Plug with Cable Guide
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

MDP Datasheet(HTML) 1 Page - Pomona Electronics

  MDP Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D1094981, D1094310, D1094313 Rev. 101 Page 1 of 1
Model MDP, 4892, & 4898
Stackable Double Banana Plug with Cable Guide
Model MDP, 4892, 4898
Stackable Double Banana Plug with Cable Guide
Features
•
Simplified attachment of cables or small components
by means of set screws.
•
For test versatility, banana plugs can be vertically
stacked.
•
Banana plug spring is Beryllium Copper for long
insertion life.
•
Model 4898 features Polyphenylene Sulfide for high
temperature operation.
•
Model 4892 features gold plating for superior
electrical connection.
Materials
Banana Plug Body:
MDP & 4898:
Nickel Plated Brass
Model 4892:
Gold Plated Brass
Spring:
MDP & 4898:
Nickel Plated Beryllium Copper
Model 4892:
Gold Plated Beryllium Copper
Insulation:
MDP & 4892:
ABS
Model 4898:
Polyphenylene Sulfide
Set Screws:
Zinc Plated Steel, 8-32 Single
Specifications
Operating Voltage:
Hands free usage in controlled voltage
environments: 5000 Vrms maximum.
For CE compliance: not intended for hand-held
use at voltages above 33 Vrms/70 Vdc.
Current: 15 Amperes
Operating Temperature:
Model MDP & 4892:
+122°F (+50°C) Max.
Model 4898:
+302°F (+150°C) Max.
Ordering Information
Model: MDP-Color
Colors = 0 (Black), 1 (Brown), 2 (Red), 3 (Orange),
4 (Yellow), 5 (Green), 6 (Blue), 7 (Violet), 8 (Gray),
9 (White)
Model: 4892-0 (Gold Plated, Black)
Model: 4892-2 (Gold Plated, Red)
Model: 4898-0 (Polyphenylene Sulfide, Black)
Model: 4898-6 (Polyphenylene Sulfide, Blue)
Ordering Example: 4892-2, Gold Plated Double Banana
Plug, Color: Red
Model: 4914 (replacement set screws 100/pk)


Similar Part No. - MDP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MDP-006 ADAM-TECH-MDP-006 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
logo
M-System Co.,Ltd.
MDP-100T MSYSTEM-MDP-100T Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP-100T/A33 MSYSTEM-MDP-100T/A33 Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP-100T/Q MSYSTEM-MDP-100T/Q Datasheet
119Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33449 PASTERNACK-PE33449 Datasheet
118Kb / 1P
CABLE ASSEMBLY RG223/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
Unshrouded Stackable Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
Stackable Banana Plug
BU-5070-B-12-0 ETC2-BU-5070-B-12-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
BU-5070-B-24-0 ETC2-BU-5070-B-24-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
BU-31104-0 ETC2-BU-31104-0 Datasheet
225Kb / 1P
Insulated, Stackable Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
BU-PMDP-0 ETC2-BU-PMDP-0 Datasheet
311Kb / 1P
Stackable Double Banana Plug with Cable Guide
logo
Pasternack Enterprises,...
PE3005-24 PASTERNACK-PE3005-24 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-60 PASTERNACK-PE3005-60 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com