Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20200CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRB20200CT
Description  SWIRCHMODE?? Power Dual Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB20200CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBRB20200CT Datasheet HTML 1Page - Motorola, Inc MBRB20200CT Datasheet HTML 2Page - Motorola, Inc MBRB20200CT Datasheet HTML 3Page - Motorola, Inc MBRB20200CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRB20200CT
2
Rectifier Device Data
Figure 1. Typical Forward Voltage (Per Leg)
100
70
50
20
10
7
5
2
1
0.2
0.4
0.6
0.8
1
TJ = 125°C
TJ = 100°C
TJ = 25°C
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TJ = 150°C
VR, REVERSE CURRENT (VOLTS)
10,000
1,000
100
10
1
0.1
0.01
20
40
60
80
100
120
140
160
180
200
TJ = 125°C
TJ = 100°C
TJ = 150°C
TJ = 25°C
Figure 2. Typical Reverse Current (Per Leg)
0
40
36
32
28
24
20
16
12
8
4
0
0
5
10
15
20
25
30
35
TJ = 125°C
10
dc
SQUARE
WAVE
IPK
IAV
= 20
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Forward Power Dissipation
25
20
15
10
5
0
90
100
110
120
130
140
150
160
TC, CASE TEMPERATURE (°C)
Figure 4. Current Derating, Case
SQUARE
WAVE
dc
RATED VOLTAGE
R
θJC = 2°C/W
R
θJA = 16°C/W
RATED VOLTAGE
20
16
12
8
4
0
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Current Derating, Ambient
dc
SQUARE
WAVE
0
25
50
75
100
125
150
175
500
400
300
200
100
0
TJ = 25°C
VR, REVERSE VOLTAGE (VOLTS)
1
2
5
10
20
5070100
Figure 6. Typical Capacitance (Per Leg)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com