Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CW032150JL-R Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # 2CW032150JL-R
Description  2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032150JL-R Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  2CW032150JL-R Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032150JL-R Datasheet HTML 2Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CW032XXXJL-R
2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC
PACKAGE WITH ASYMMETRY LIMITS
DESCRIPTION
2CW032XXXJL-R series are low-power zener diode chips
for plastic package that fabricated in silicon epitaxial planar
technology.
The series is asymmetrical regulator voltage chips, that is
the upper limit and lower limit is asymmetrical, e.g. Vz=3.0V
chips: the upper limit is 3.25V, the lower limit Is 2.95V ,the
specification design is better suitable for user’s using habit.
The chip thickness is 180
μm or 150μm. The top electrode
material is Al, and the back-side electrode material is Au.
Chip size: 0.32 X 0.32 (mm)
2.
Pad Size: 0.18 X 0.18 (mm)
2.
2CW032XXXJL-R CHIP TOPOGRAPHY
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Test conditions
Value
Unit
Junction Temperature
Tj
----
175
°C
Storage Temperature
Tstg
----
-55~+175
°C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.05.05
Http: www.silan.com.cn
Page 1 of 2


Similar Part No. - 2CW032150JL-R

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032150JL SILAN-2CW032150JL Datasheet
107Kb / 3P
2CW032XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
More results

Similar Description - 2CW032150JL-R

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
ZENER DIODE CHIPS
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
ZENER DIODE CHIPS
logo
Silan Microelectronics ...
2CW032020JL SILAN-2CW032020JL Datasheet
107Kb / 3P
2CW032XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW035020JL SILAN-2CW035020JL Datasheet
34Kb / 2P
2CW035XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
2CW035020JLR SILAN-2CW035020JLR Datasheet
30Kb / 2P
2CW035XXXJLR SERIES ZNER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com