Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CW032160JL-R Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # 2CW032160JL-R
Description  2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032160JL-R Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  2CW032160JL-R Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032160JL-R Datasheet HTML 2Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CW032XXXJL-R
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb=25°C)
Type
Working
Voltage@Izt=5mA
Dynamic resistance
Reverse leakage
current
@ Tamb=25
°C@ VR
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω )@
Izt=5mA
IR(
μA)
2CW032
XXXJL-R
Vz(V)
Max.
Max.
Max.
VR(V)
2CW032020JL-R
1.80~2.15
600
100
90
1.0
2CW032022JL-R
2.08~2.33
600
100
90
1.0
2CW032024JL-R
2.30~2.65
600
85
50
1.0
2CW032027JL-R
2.65~2.95
600
85
10
1.0
2CW032030JL-R
2.95~3.25
600
85
4
1.0
2CW032033JL-R
3.25~3.55
600
85
2
1.0
2CW032036JL-R
3.6~3.845
600
85
2
1.0
2CW032039JL-R
3.89~4.16
600
85
2
1.0
2CW032043JL-R
4.17~4.43
600
80
1
1.0
2CW032047JL-R
4.55~4.75
500
70
0.5
1.0
2CW032051JL-R
4.98~5.2
480
50
0.1
1.0
2CW032056JL-R
5.49~5.73
400
30
0.1
1.0
2CW032062JL-R
6.06~6.33
150
10
0.1
2.0
2CW032068JL-R
6.65~6.93
80
8
0.1
3.0
2CW032075JL-R
7.28~7.60
50
7
0.1
5.0
2CW032082JL-R
8.02~8.36
50
7
0.1
6.1
2CW032091JL-R
8.85~9.23
50
10
0.1
6.8
2CW032100JL-R
9.77~10.21
70
15
0.1
7.5
2CW032110JL-R
10.76~11.22
70
20
0.1
8.2
2CW032120JL-R
11.74~12.24
90
20
0.1
9.0
2CW032130JL-R
12.91~13.49
110
26
0.1
9.7
2CW032150JL-R
14.34~14.98
110
30
0.1
11
2CW032160JL-R
15.85~16.51
170
40
0.1
12
2CW032180JL-R
17.56~18.35
170
45
0.1
14
2CW032200JL-R
19.52~20.39
220
55
0.1
15
2CW032220JL-R
21.54~22.47
220
55
0.1
17
2CW032240JL-R
23.72~24.78
220
70
0.1
18
2CW032270JL-R
26.19~27.53
220
80
0.1
20
2CW032300JL-R
29.19~30.69
220
80
0.1
22
2CW032330JL-R
32.15~33.79
220
80
0.1
24
2CW032360JL-R
35.07~36.87
220
80
0.1
27
Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXJL-R series.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.05.05
Http: www.silan.com.cn
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com