Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4701 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4701
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4701 Datasheet HTML 1Page - Maxim Integrated Products MAX4701 Datasheet HTML 2Page - Maxim Integrated Products MAX4701 Datasheet HTML 3Page - Maxim Integrated Products MAX4701 Datasheet HTML 4Page - Maxim Integrated Products MAX4701 Datasheet HTML 5Page - Maxim Integrated Products MAX4701 Datasheet HTML 6Page - Maxim Integrated Products MAX4701 Datasheet HTML 7Page - Maxim Integrated Products MAX4701 Datasheet HTML 8Page - Maxim Integrated Products MAX4701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.3V, GND = 0, VIH = +1.4V, VIL = +0.5V, (VL = +1.5V, VIH = +1.0V, VIL = +0.4V for MAX4702 only), TA = -40°C to
+85°C. Typical values are at V+ = +3V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ............................................................................-0.3V to +6V
VL, IN_, COM_, NO_, NC_ (Note1) .............. -0.3V to (V+ + 0.3V)
Continuous Current COM_, NO_, NC_ ............................ ±20mA
Peak Current COM_, NO_, NC_ (pulsed at 1ms, 10%
duty cycle)....................................................................±40mA
ESD per Method 3015.7....................................................>2.5kV
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 5.6mW/°C above +70°C) ................. 444mW
16-Pin Thin QFN (derate 20.8mW/°C
above +70°C).........................................................1666.7mW
16-Pin Thin QFN (derate 25mW/°C
above +70°C)............................................................2000mW
Operating Temperature Range .......................... -40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°C
Note 1: Signals on IN_, COM_, NO_, and NC_ exceeding 0 or V+ are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
+25°C
60
75
On-Resistance
RON
V+ = +2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = +1.5V
TMIN to TMAX
85
Ω
+25°C
2
4
On-Resistance Match Between
Channels (Note 4)
ΔRON
V+ = +2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = +1.5V
TMIN to TMAX
5
Ω
+25°C
8
12
On-Resistance Flatness (Note 5)
RFLAT (ON)
V+ = +2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = +1V,
+1.5V, +2V
TMIN to TMAX
14
Ω
+25°C
-0.5
+0.5
NO_, NC_ Off-Leakage Current
(Note 6)
INO_(OFF),
INC_(OFF)
V+ = +3.3V, VCOM_ = +1V,
+3V; VNO_ or VNC_ = +3V, +1V
TMIN to TMAX
-1
1
nA
+25°C
-0.5
+0.5
COM_ On-Leakage Current
(Note 6)
ICOM_ (ON)
V+ = +3.3V, VCOM_ = +1V,
+3V; VNO_ or VNC_ = +1V,
+3V, or unconnected
TMIN to TMAX
-1
1
nA
DYNAMIC
+25°C
27
35
Turn-On Time
tON
VNO_ or VNC_ = +2V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
45
ns
+25°C
15
20
Turn-Off Time
tOFF
VNO_ or VNC_ = +2V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
25
ns
+25°C
15
Break-Before-Make (Note 6)
tBBM
VNO_ or VNC_ = +2V; RL =
300
Ω, CL = 35pF, Figure 2
TMIN to TMAX
1
ns
On-Channel -3dB Bandwidth
BW
Signal = 0dBm, 50
Ω
in and out, Figure 5
250
MHz
Off-Isolation (Note 7)
VISO
f = 1MHz, RL = 50
Ω,
CL = 5pF, Figure 5
+25°C
-76
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com