Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBQR00340 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBQR00340
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQR00340 Datasheet(HTML) 1 Page - Comchip Technology

  CDBQR00340 Datasheet HTML 1Page - Comchip Technology CDBQR00340 Datasheet HTML 2Page - Comchip Technology CDBQR00340 Datasheet HTML 3Page - Comchip Technology CDBQR00340 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Io = 30 mA
VR = 40 Volts
CDBQR00340
SMD Schottky Barrier Diode
Page 1
REV:A
SMD Diodes Specialist
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
VRRM
Repetitive peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
V
45
VR
Reverse voltage
V
40
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
500
PD
mW
OC
200
+125
-40
Power Dissipation
Sunction temperature
Tj
OC
+125
Junction temperature
TSTG
mA
IO
Average forward current
mA
30
Symbol
Typ
Parameter
Conditions
Min
Max Unit
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
IR
uA
1.5
Forward voltage
IF = 1 mA DC
VF
V
0.37
0.50
CT
Capacitance between terimnals
pF
F = 1 MHZ and 1 VDC reverse voltage
Reverse current
VR = 30V
VR = 40V
1.00
Features
Extremely thin package.
Low stored charge.
Majority carrier conduction.
Mechanical data
Case: 0402(1005) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any
Weight: 0.001 gram(approx.).
Designed for mounting on small surface.
(RoHS Device)
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0402(1005)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
Comchip Technology CO., LTD.
QW-A1131


Similar Part No. - CDBQR00340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBQR00340-HF COMCHIP-CDBQR00340-HF Datasheet
197Kb / 4P
SMD Schottky Barrier Diode
CDBQR00340-HF COMCHIP-CDBQR00340-HF Datasheet
127Kb / 4P
SMD Schottky Barrier Diode
CDBQR00340-HF COMCHIP-CDBQR00340-HF_12 Datasheet
127Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBQR00340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com