Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9621 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9621
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9621 Datasheet HTML 1Page - Maxim Integrated Products MAX9621 Datasheet HTML 2Page - Maxim Integrated Products MAX9621 Datasheet HTML 3Page - Maxim Integrated Products MAX9621 Datasheet HTML 4Page - Maxim Integrated Products MAX9621 Datasheet HTML 5Page - Maxim Integrated Products MAX9621 Datasheet HTML 6Page - Maxim Integrated Products MAX9621 Datasheet HTML 7Page - Maxim Integrated Products MAX9621 Datasheet HTML 8Page - Maxim Integrated Products MAX9621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
BAT to GND...........................................................-0.3V to +60V
ISET to BAT ..........................................................-2.0V to +0.3V
IN1, IN2 to GND ................ -3V to lower of +60V or (VBAT + 1V)
AOUT1, DOUT1, AOUT2, DOUT2,
SLEEP to GND .....................................................-0.3V to +6V
Short-Circuit Duration
AOUT1, DOUT1, AOUT2, DOUT2 to GND
or to 5.5V (individually).......................................Continuous
Current In to IN1, IN2.................................................... ±100mA
Current In to Any Other Pin............................................. ±20mA
Continuous Power Dissipation for a Single-Layer Board
(TA = +70NC)
10-Pin µMAX (derate 5.6mW/NC) above +70NC........444.4mW
Continuous Power Dissipation for a Multilayer Board
(TA = +70NC)
10-Pin µMAX (derate 8.8mW/NC) above +70NC........707.3mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +160NC
Lead Temperature (soldering, 10s) ................................+300NC
DC ELECTRICAL CHARACTERISTICS
(VBAT = 13.6V, VSLEEP = 5V, IN1 = IN2 = no connection, RSET = 61.9kI to BAT, RPU = 10kI at DOUT1 and DOUT2, RL = 5kI to
GND at AOUT1 and AOUT2, unless otherwise noted, TA = -40NC to +125NC. Typical values are at TA = +25NC.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
BAT Supply Range
VBAT
Guaranteed by functional test of IIH, IIL,
and GEI
5.5
18
V
BAT Supply Current
IBAT
Normal mode
1
mA
ISD
VSLEEP = 0V
1
10
F
A
Hall Input Voltage Dropout
VDO
VBAT = 5.5V, at IN1 and IN2,
IIN = -14mA
0.59
1.26
V
VBAT = 5.5V, at IN1 and IN2,
IIN = -20mA
0.86
1.86
ESD Protection
Machine Model
±200
V
Human Body Model
±2000
INPUT THRESHOLDS FOR DOUT1, DOUT2 SWITCHING
Input Current for Output High
(Note 2)
IIH
RSET = 95.3kI
-7.7
mA
RSET = 52.3kI
-14
Input Current for Output Low
(Note 2)
IIL
RSET = 95.3kI
-5
mA
RSET = 52.3kI
-9
Input Current Hysteresis for
High/Low Detection
IIN_HYS
Peak-to-peak as percent of average high/
low threshold (Note 2)
8
%
Channel-to-Channel Input
Threshold Variation
High threshold
0.02
mA
Low threshold
0.02
Short-Circuit Current Limit
ISC
A short to GND is not a sustained
condition, Hall input reverts to -50FA when
detected (Note 2)
-20
mA
AOUT1, AOUT2 ANALOG OUTPUTS
Current Gain for AOUT1 and
AOUT2 Outputs
GI
-18mA P IIN P -2mA
0.05
mA/mA
Current Gain Error for AOUT1
and AOUT2 Outputs
GEI
IIN = -5mA, -14mA
0.2
±1.7
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com