Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRF10VB Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRF10VB
Description  SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRF10VB Datasheet(HTML) 2 Page - Comchip Technology

  CZRF10VB Datasheet HTML 1Page - Comchip Technology CZRF10VB Datasheet HTML 2Page - Comchip Technology CZRF10VB Datasheet HTML 3Page - Comchip Technology CZRF10VB Datasheet HTML 4Page - Comchip Technology CZRF10VB Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Zener Diode
Page 2
Part Nu mbe r
Mar ki ng
Co de
Mi n
Ma x
IZ(mA)
Ma x
IZ(mA)
Ma x
IZ(mA)
Ma x
VR(V)
VZ(V)
ZZT(Oh m)
ZZK( Oh m)
IR( uA)
Zener Voltage
Op erating
resistance
Ri sing
operating
Re sistance
Re verse
current
O
Electrical Characteristics(Ta = 25 C)
REV:B
SMD Diodes Specialist
QW-A2003
CZR F2 V4B
CZR F2 V7B
CZR F3 V0B
CZR F3 V3B
CZR F3 V6B
CZR F3 V9B
CZR F4 V3B
CZR F4 V7B
CZR F5 V1B
CZR F5 V6B
CZR F6 V2B
CZR F6 V8B
CZR F7 V5B
CZR F8 V2B
CZR F9 V1B
CZR F1 0V B
CZR F11V B
CZR F1 2V B
CZR F1 3V B
CZR F1 5V B
CZR F1 6V B
CZR F1 8V B
CZR F2 0V B
CZR F2 2V B
CZR F2 4V B
CZR F2 7V B
CZR F3 0V B
CZR F3 3V B
CZR F3 6V B
CZR F3 9V B
U2
U3
U4
U5
U6
U7
U8
U9
UA
UB
UC
UE
UF
UG
UH
UJ
UK
UM
UN
UP
UQ
UR
US
UT
UU
UV
UW
UX
UY
UZ
2. 34
2. 63
2. 93
3. 22
3. 51
3. 80
4. 19
4. 58
4. 97
5. 46
6. 05
6. 63
7. 31
8. 00
8. 87
9. 75
10. 73
11. 70
12. 68
14. 63
15. 60
17. 55
19. 50
21. 45
23. 40
26. 33
29. 25
32. 18
35. 10
38. 03
2. 46
2. 77
3. 08
3. 38
3. 69
4. 00
4. 41
4. 82
5. 23
5. 74
6. 36
6. 97
7. 69
8. 41
9. 33
10. 25
11. 27
12. 30
13. 32
15. 37
16. 40
18. 45
20. 50
22. 55
24. 60
27. 67
30. 75
33. 82
36. 90
39. 97
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
95
95
90
90
88
70
50
25
10
8
7
7
10
15
18
22
25
32
36
42
48
55
62
70
78
88
95
130
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
1800
1900
2000
2200
2300
2400
2500
2200
2050
1800
1300
750
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
0. 25
100
75
50
25
15
10
5
3
2
2
1
1
0. 5
0. 5
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
0. 1
1
1
1
1
1
1
1
1. 5
2
3
4
5. 2
6
6. 5
7
8. 4
9. 1
9. 9
11
12
14
15
17
18
21
23
25
27
30
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com