Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRF16VB Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRF16VB
Description  SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRF16VB Datasheet(HTML) 3 Page - Comchip Technology

  CZRF16VB Datasheet HTML 1Page - Comchip Technology CZRF16VB Datasheet HTML 2Page - Comchip Technology CZRF16VB Datasheet HTML 3Page - Comchip Technology CZRF16VB Datasheet HTML 4Page - Comchip Technology CZRF16VB Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (CZRF2V4B Thru CZRF39VB)
100m
10m
1m
100μ
10μ
1μ
100n
10n
0
5
10
15
20
25
30
35
40
Fig.1 Zener voltage characteristics
300
200
100
0
0
25
50
75
100
125
150
Fig.2 De rating curve
ZENER VOLTAGE:VZ(V)
0.10
IZ=5mA
2
10
20
30
0.08
0.06
0.02
0.00
-0.02
-0.04
-0.06
-0.06
-0.08
0.04
Fig.3 Zener voltage-temp .
Co efficient characteristics
ZENER VOLTAGE:VZ(V)
O
AMBIENT TEMPERATURE:Ta( C)
IZ=500μA
Page 3
QW-A2003
REV:B
SMD Diodes Specialist
SMD Zener Diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com