Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDF5V0U Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDF5V0U
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDF5V0U Datasheet(HTML) 1 Page - Comchip Technology

  CPDF5V0U Datasheet HTML 1Page - Comchip Technology CPDF5V0U Datasheet HTML 2Page - Comchip Technology CPDF5V0U Datasheet HTML 3Page - Comchip Technology CPDF5V0U Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDF5V0U
SMD ESD Protection Diode
Page 1
QW-A7008
REV:C
Features
Uni-directional ESD protection
IEC 61000-4-2 15kV(contact), 20kV(air).
Working voltage:5V
Surface mount package.
High component density.
Mechanical data
Case:1005 (2512) Standard package ,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Marking Code: Cathode band & E05
Mounting position: Any.
Weight: 0.006 gram (approx.).
SMD Diodes Specialist
Comchip Technology CO., LTD.
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005(2512)
0.012 (0.30) Typ.
0.040(1.00) Typ.
Maximum Rating AND Electrical Characteristics
O
(at TA=25 C unless otherwise noted)
(RoHS Device)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Forward voltage
VF
V
IF = 10mA
0.8
Junction capacitance
Diode breakdown voltage
VBD
V
IR = 1mA
120
CT
pF
VR = 0V,f = 1MHz
6
Leakage current
IL
uA
VR = 5V
0.3
2.0
90
Peak pulse power
PPP
W
200
Operation temperature
TJ
125
OC
Clamping voltage
VC
V
IPP = 5A,TP=8/20us
9.8
IPP = 16A,TP=8/20us
12.5
Storage temperature
TSTG
-55
150
OC
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
20
15
ESD capability


Similar Part No. - CPDF5V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDF5V0U-HF COMCHIP-CPDF5V0U-HF Datasheet
200Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDF5V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com