Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDK5V0U Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDK5V0U
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDK5V0U Datasheet(HTML) 1 Page - Comchip Technology

  CPDK5V0U Datasheet HTML 1Page - Comchip Technology CPDK5V0U Datasheet HTML 2Page - Comchip Technology CPDK5V0U Datasheet HTML 3Page - Comchip Technology CPDK5V0U Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDK5V0U
SMD ESD Protection Diode
Page 1
QW-A7010
REV:C
Features
Uni-directional ESD protection
IEC 61000-4-2 15kV(contact), 20kV(air).
Working voltage:5V
Surface mount package.
High component density.
Mechanical data
Case:SOD-123F standard package ,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Marking Code: Cathode band & E05
Mounting position: Any.
Weight: 0.011 gram (approx.).
SMD Diodes Specialist
Comchip Technology CO., LTD.
0.144(3.65)
0.136(3.45)
0.024(0.60) Typ.
0.069(1.75)
0.061(1.55)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
SOD-123F
0.012 (0.30) Typ.
0.057(1.45) Typ.
Maximum Rating AND Electrical Characteristics
O
(at TA=25 C unless otherwise noted)
(RoHS Device)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Forward voltage
VF
V
IF = 10mA
0.8
Junction capacitance
Diode breakdown voltage
VBD
V
IR = 1mA
Clamping voltage
120
CT
pF
VR = 0V,f = 1MHz
VC
V
IPP = 5A,TP=8/20us
6
9.8
Leakage current
IL
uA
VR = 5V
0.3
2.0
90
IPP = 16A,TP=8/20us
12.5
Peak pulse power
PPP
W
200
Operation temperature
TJ
125
OC
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
20
15
ESD capability
Storage temperature
TSTG
-55
150
OC


Similar Part No. - CPDK5V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDK5V0U-HF COMCHIP-CPDK5V0U-HF Datasheet
201Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDK5V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com