Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDU12V0U Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDU12V0U
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDU12V0U Datasheet(HTML) 1 Page - Comchip Technology

  CPDU12V0U Datasheet HTML 1Page - Comchip Technology CPDU12V0U Datasheet HTML 2Page - Comchip Technology CPDU12V0U Datasheet HTML 3Page - Comchip Technology CPDU12V0U Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDU12V0U
SMD ESD Protection Diode
(RoHS Device)
Page 1
QW-A7021
REV:A
Maximum Rating AND Electrical Characteristics
O
(at TA=25 C unless otherwise noted)
Features
Uni-diretional ESD protection.
(16kV) IEC 61000-4-2 rating.
Surface mount package.
High component density.
Mechanical data
Case: 0603(1608) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Marking Code: Cathode band & E12
Mounting position: Any.
Weight: 0.003 gram(approx.).
SMD Diodes Specialist
Comchip Technology CO., LTD.
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Forward voltage
VF
V
IF = 10mA
0.8
Junction capacitance
Diode breakdown voltage
VBD
V
IR = 1mA
60
CT
pF
VR = 0V,f = 1MHz
13.3
Leakage current
IL
uA
VR = 12V
0.1
1.0
Peak pulse power
PPP
W
120
Operation temperature
TJ
125
OC
Clamping voltage
VC
V
IPP = 1A,TP=8/20us
19
IPP = 5A,TP=8/20us
24
Storage temperature
TSTG
-55
150
OC
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
30
ESD capability
15.5
17.5
0.071(1.80)
0.063(1.60)
0.014(0.35) Typ.
0.039(1.00)
0.031(0.80)
0.033(0.85)
0.027(0.70)
Dimensions in inches and (millimeter)
0603(1608)
0.012 (0.30) Typ.
0.028(0.70) Typ.


Similar Part No. - CPDU12V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDU12V0U-HF COMCHIP-CPDU12V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDU12V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com