Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRERT52C20 Datasheet(PDF) 6 Page - Comchip Technology

Part # CZRERT52C20
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRERT52C20 Datasheet(HTML) 6 Page - Comchip Technology

  CZRERT52C20 Datasheet HTML 1Page - Comchip Technology CZRERT52C20 Datasheet HTML 2Page - Comchip Technology CZRERT52C20 Datasheet HTML 3Page - Comchip Technology CZRERT52C20 Datasheet HTML 4Page - Comchip Technology CZRERT52C20 Datasheet HTML 5Page - Comchip Technology CZRERT52C20 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
SMD Diodes Specialist
REV:A
SMD Zener Diode
QW-A2014
Comchip Technology CO., LTD.
Suggested PAD Layout
Standard Package
Case Type
Qty per Reel
(Pcs)
5000
ERT/0503
Reel Size
(inch)
7
SIZE
(inch)
0.033
(mm)
0.85
0.55
0.85
0.022
0.033
ERT/0503
1.40
0.055
E
0.30
0.118
A
B
C
D
A
C
B
E
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com