Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRERT52C24 Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRERT52C24
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRERT52C24 Datasheet(HTML) 3 Page - Comchip Technology

  CZRERT52C24 Datasheet HTML 1Page - Comchip Technology CZRERT52C24 Datasheet HTML 2Page - Comchip Technology CZRERT52C24 Datasheet HTML 3Page - Comchip Technology CZRERT52C24 Datasheet HTML 4Page - Comchip Technology CZRERT52C24 Datasheet HTML 5Page - Comchip Technology CZRERT52C24 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Fig.1 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS
-4
6
5
4
3
2
1
0
1
-2
-3
2
12
11
10
9
8
7
6
5
4
3
7
Fig.6 TYPICAL CAPACITANCE
NORMAL ZENER VOLTAGE,VOLTS
0
10
20
30
40
0
50
100
150
200
250
300
350
400
0V BIAS
1V BIAS
BIASAT
50% OF VZNOM
O
TA =25 C
Fig.3 EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
NORMALL ZENER VOLTAGE,VOLTS
50
1
10
1
10
100
1000
O
TJ=25 C
IZ (AC)0.1IZ (DC)
F=1kHZ
IZ=20mA
IZ=1mA
IZ=5mA
Fig.5 TYPICAL LEAKAGE CURRENT
NO MI NA L ZENE R VOLTAGE ,Volts
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
5
10
15
20
25
30
35
40
45
O
+125 C
O
+25 C
O
-55 C
FORW ARD VOLTAGE , Volts
Fig.4 TYPICAL FORWARD VOLTAGE
0.4
1
10
100
1000
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Fig.2 TEMPERATURE COEFFICENTS
NOMINAL ZENER VOLTAGE,VOLTS
100
10
50
10
1
30
20
40
SMD Diodes Specialist
REV:A
RATING AND CHARACTERISTIC CURVES (CZRERT52C2 Thru CZRERT52C39)
SMD Zener Diode
QW-A2014
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com