Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQR5V0UP Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQR5V0UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR5V0UP Datasheet(HTML) 1 Page - Comchip Technology

  CPDQR5V0UP Datasheet HTML 1Page - Comchip Technology CPDQR5V0UP Datasheet HTML 2Page - Comchip Technology CPDQR5V0UP Datasheet HTML 3Page - Comchip Technology CPDQR5V0UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDQR5V0UP
SMD ESD Protection Diode
(RoHS Device)
Page 1
QW-A7026
REV:A
SMD Diodes Specialist
Features
Uni-directional ESD protection.
(15kV) IEC 61000-4-2 rating.
Surface mount package.
Ultra small SMD package:0402.
High component density.
Mechanical data
Case: 0402(1005) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Marking Code:
: 5P
CPDQR5V0UP
Mounting position: Any.
Weight: 0.001 gram(approx.).
Comchip Technology CO., LTD.
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
IR = 1mA
Parameter
Symbol
Value
Unit
Diode breakdown voltage
VBD
V
6
pF
CT
Reverse leakage current
VR = 5V
4.5
Forward voltage
IF = 10mA
TJ
TSTG
-55 to +125
-55 to +150
°C
°C
VR = 3.3V, f=1MHZ
IR
VF
5
1.2
uA
V
Storage temperature
Operating temperature
Junction capacitance
kV
20
ESD
ESD per IEC 61000-4-2(Air)
ESD per IEC 61000-4-2(Contact)
15
IPP
Peak pulse current ( tp = 8/20 us)
A
2
Peak pulse power ( tp = 8/20 us)
W
25
PPP
Clamping voltage
V
12.5
IPP = 2A,TP=8/20us
10
VC
VRWM
Reverse stand-Off voltage
V
0.25
7.1
8
0.06
1
VR = 0V, f=1MHZ
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0402(1005)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)


Similar Part No. - CPDQR5V0UP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQR5V0UP-HF COMCHIP-CPDQR5V0UP-HF Datasheet
123Kb / 4P
SMD ESD Protection Diode
CPDQR5V0UP-HF COMCHIP-CPDQR5V0UP-HF Datasheet
123Kb / 4P
SMD ESD Protection Diode
CPDQR5V0UP-HF COMCHIP-CPDQR5V0UP-HF_15 Datasheet
123Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDQR5V0UP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com