Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDU3V3UP Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDU3V3UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDU3V3UP Datasheet(HTML) 2 Page - Comchip Technology

  CPDU3V3UP Datasheet HTML 1Page - Comchip Technology CPDU3V3UP Datasheet HTML 2Page - Comchip Technology CPDU3V3UP Datasheet HTML 3Page - Comchip Technology CPDU3V3UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Comchip Technology CO., LTD.
SMD ESD Protection Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CPDU3V3UP)
Fig. 2 - Power rating derating curve
0
Ambient temperature (
)
OC
0
100
50
25
125
75
150
10
20
30
40
50
60
70
80
90
100
110
Fig. 1 - Non-repetitive max. peak pulse power
vs. pulse time
Pulse duration-tp(us)
0.1
1
10
100
0.1
1
0.0 1
1000
Fig.3 - Clamping voltage vs.
peak pulse current
Peak pulse current(A)
0
0
1
2
3
4
5
6
16
14
12
10
8
6
4
2
Waveform
Parameters:
tr=8us
td=20us
Fig.5 - Junction capacitance vs.
reverse voltage
Reverse voltage (V)
REV:A
Fig.4 - Forward voltage vs.
Forward current
Forward current(A)
0
0
1
2
3
4
5
6
12
10
8
6
4
2
Waveform
Parameters:
tr=8us
td=20us
0
1
2
3
4
0
4
8
12
16
20
QW-A7027



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com