Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20100CD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRB20100CD
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB20100CD Datasheet(HTML) 1 Page - Motorola, Inc

  MBRB20100CD Datasheet HTML 1Page - Motorola, Inc MBRB20100CD Datasheet HTML 2Page - Motorola, Inc MBRB20100CD Datasheet HTML 3Page - Motorola, Inc MBRB20100CD Datasheet HTML 4Page - Motorola, Inc MBRB20100CD Datasheet HTML 5Page - Motorola, Inc MBRB20100CD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
Designer's™ Data Sheet
SWITCHMODE™ Power Rectifier
D2PAK Surface Mount Power Package
The D2PAK Power Rectifier employs the use of the Schottky Barrier principle
with a platinum barrier metal. These state–of–the–art devices have the
following features:
• Package Designed for Power Surface Mount Applications
• Center–Tap Configuration
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Epoxy Meets UL94, VO at 1/8″
• Guaranteed Reverse Avalanche
• Short Heat Sink Tab Manufactured — Not Sheared!
• Similar in Size to Industry Standard TO–220 Package
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.7 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Available in 24 mm Tape and Reel, 800 units per 13″ reel by adding a “T4”
suffix to the part number
• Marking: B20100T
MAXIMUM RATINGS, PER LEG
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
Volts
Average Rectified Forward Current
(Rated VR) TC = 110°C
Total Device
IF(AV)
10
20
Amps
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz), TC = 100°C
IFRM
20
Amps
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
Amps
Peak Repetitive Reverse Surge Current (2.0
µs, 1.0 kHz)
IRRM
0.5
Amp
Storage Temperature
Tstg
– 65 to +175
°C
Operating Junction Temperature
TJ
– 65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
THERMAL CHARACTERISTICS, PER LEG
Thermal Resistance — Junction to Case
— Junction to Ambient (1)
R
θJC
R
θJA
2.0
50
°C/W
(1) See Chapter 7 for mounting conditions
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBRB20100CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MBRB20100CT
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES
100 VOLTS
CASE 418B–02
D2PAK
Motorola Preferred Device
4
3
1
1
3
4
Rev 1


Similar Part No. - MBRB20100CD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Micro Commercial Compon...
MBRB20100CT MCC-MBRB20100CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBRB20100CT IRF-MBRB20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB20100CT VISHAY-MBRB20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
More results

Similar Description - MBRB20100CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB2515L ONSEMI-MBRB2515L Datasheet
60Kb / 4P
SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com