Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2515 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRB2515
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB2515 Datasheet(HTML) 2 Page - Motorola, Inc

  MBRB2515 Datasheet HTML 1Page - Motorola, Inc MBRB2515 Datasheet HTML 2Page - Motorola, Inc MBRB2515 Datasheet HTML 3Page - Motorola, Inc MBRB2515 Datasheet HTML 4Page - Motorola, Inc MBRB2515 Datasheet HTML 5Page - Motorola, Inc MBRB2515 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRB2515L
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (2)
(IF = 19 Amps, TJ = 70°C)
(IF = 25 Amps, TJ = 70°C)
(IF = 25 Amps, TJ = 25°C)
VF
0.28
0.42
0.45
Volts
Maximum Instantaneous Reverse Current (2)
(Rated dc Voltage, TJ = 70°C)
(Rated dc Voltage, TJ = 25°C)
IR
200
15
mA
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Leakage Current
Figure 3. Typical Forward Power Dissipation
Figure 4. Current Derating, Case
0.3
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
50
7.0
2.0
5.0
1.0
VR, REVERSE VOLTAGE (VOLTS)
0
0.2
0.02
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
25
10
5.0
0
TC, CASE TEMPERATURE (°C)
65
60
40
30
20
10
0
70
0.7
0.5
0.3
0.1
0.2
0.4
4.0
8.0
12
16
0.1
1.0
10
20
30
40
75
80
100
0.2
0.1
0.5
20
2.0
10
20
100
200
SQUARE WAVE
dc
SQUARE
WAVE
dc
TJ = 25°C
70
°C
TJ = 100°C
3.0
0.01
25
°C
20
15
30
40
35
35
25
15
5.0
85
90
95
70
°C
RATED VOLTAGE APPLIED
RqJC = 1°C/W
10
20
30
5.0
15
25
35
p
5.0
TJ = 70°C
I
PK
I
AV
+ 10
2.0
6.0
10
14
18
1000
400
40
4.0
0.4
0.04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com