Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSX400B Datasheet(PDF) 2 Page - Comchip Technology

Part # CDSX400B
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSX400B Datasheet(HTML) 2 Page - Comchip Technology

  CDSX400B Datasheet HTML 1Page - Comchip Technology CDSX400B Datasheet HTML 2Page - Comchip Technology CDSX400B Datasheet HTML 3Page - Comchip Technology CDSX400B Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Switching Diode
SMD Switching Diode
RATING AND CHARACTERISTIC CURVES (CDSX400B )
Page 2
QW-A0024
REV:A
SMD Diodes Specialist
Reverse voltage (V)
100n
1u
10u
10n
1n
0
10
90 100
20
30
40
50
60
70
80
Reverse voltage : (V)
Ambient temperature ( C)
Forward voltage (V)
0
1
2
3
0
10
20
30
V =6V, In=1/10I
R
R
Fig. 1 - Forward characteristics
Fig. 2 - Reverse characteristics
Fig. 4 - Current derating curve
Fig. 3 - Capacitance between
terminals characteristics
O
75 C
O
125 C
O
25 C
0.2
0.4
0.8
1.4
0
1.0
0.6
1000
10
100
1.2
1
0.1
0.01
1.8
1.6
1m
0
2
4
6
8
10
12
14
0.1
0.2
0.5
1.0
2.0
5.0
f=1MHz
O
Ta = 25C
10
characteristics
Reverse voltage : (V)
PULSE
Single pulse
Pulse Width :Tw (ms)
0.1
1
10
100
1000
10000
1
2
5
10
20
50
100
Fig. 5 - Surge current
characteristics
PULSE GENERATOR
OUTPUT 50Ω
SAMPLING
OSCILLOSCOPE
measurement circuit Surge current
Fig. 6 - Reverse recovery time (trr)
5kΩ
50Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com