Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSV4148-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSV4148-G
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSV4148-G Datasheet(HTML) 1 Page - Comchip Technology

  CDSV4148-G Datasheet HTML 1Page - Comchip Technology CDSV4148-G Datasheet HTML 2Page - Comchip Technology CDSV4148-G Datasheet HTML 3Page - Comchip Technology CDSV4148-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDSV4148-G
Features
-Fast Switching Speed
-High Conductance
-Surface Mount Package Ideally Suited for
Automatic Insertion
Mechanical data
Case: SOD-323, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method
208
Mounting position: Any.
Page 1
QW-B0047
SMD Switching Diode
High Speed
RoHS Device
Maximum Rating (at TA=25°C unless otherwise noted)
REV:A
SMD Diodes Specialist
Electrical Characteristics (at TA=25°C unless otherwise noted)
°C
°C
°C/W
mW
mA
mA
mA
V
V
+150
+125
625
200
150
53
75
100
-65
TSTG
Tj
PD
Io
VR(RMS)
VRRM
VRWM
VR
VRM
IFM
TP = 1uS
TP = 1S
Storage temperature
Junction temperature
Power dissipation
Peak forward surge current
Average rectified output current
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
Non-Repetitive peak reverse voltage
Forward continuous current
Parameter
Conditions
Symbol
Min
Max
Unit
nS
P
F
nA
uA
V
4
2
25
1
0.715
0.855
1.0
1.25
CT
IR
VF
TRR
Capacitance between terminals
Reverse current
Forward voltage
Reverse recovery time
Parameter
Conditions
Symbol Min Typ Max Unit
f = 1 MHZ,and 0VDC reverse voltage
VR = 20 V
VR = 75 V
IF = 1mA
DC
IF = 10mA DC
IF = 50mA DC
IF = 150mA DC
IF = IR 10 mA, RL =100 ohms, Irr = 0.1 X IR
R JA
RMS reverse voltage
Thermal Resistance (Junction to ambient)
IFSM
300
2
1
A
Dimensions in inches and (millimeter)
SOD-323
0.071(1.80)
0.063(1.60)
0.055(1.40)
0.047(1.20)
0.106(2.70)
0.098(2.50)
0.014(0.35)
0.010(0.25)
0.006(0.15)
0.003(0.08)
0.019(0.475)REF.
0.004(0.10)MAX.
0.039(1.00)MAX.
-For General Purpose Switching Appilcations.
Comchip Technology CO., LTD.


Similar Part No. - CDSV4148-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV4148-G COMCHIP-CDSV4148-G Datasheet
93Kb / 4P
SMD Switching Diode
CDSV4148-G COMCHIP-CDSV4148-G_12 Datasheet
93Kb / 4P
SMD Switching Diode
More results

Similar Description - CDSV4148-G

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com