Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2545CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRB2545CT
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB2545CT Datasheet(HTML) 1 Page - Motorola, Inc

  MBRB2545CT Datasheet HTML 1Page - Motorola, Inc MBRB2545CT Datasheet HTML 2Page - Motorola, Inc MBRB2545CT Datasheet HTML 3Page - Motorola, Inc MBRB2545CT Datasheet HTML 4Page - Motorola, Inc MBRB2545CT Datasheet HTML 5Page - Motorola, Inc MBRB2545CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
Designer's™ Data Sheet
SWITCHMODE™ Power Rectifier
D2PAK Surface Mount Power Package
The D2PAK Power Rectifier employs the Schottky Barrier principle with a
platinum barrier metal. These state–of–the–art devices have the following
features:
• Center–Tap Configuration
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Epoxy Meets UL94, VO at 1/8″
• Guaranteed Reverse Avalanche
• Short Heat Sink Tab Manufactured — Not Sheared!
• Similar in Size to the Industry Standard TO–220 Package
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.7 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering
Purposes: 260
°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Available in 24 mm Tape and Reel, 800 units per 13″ reel by
adding a “T4” suffix to the part number
• Marking: B2545T
MAXIMUM RATINGS (PER LEG)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Rated VR) TC = 130°C
Total Device
IF(AV)
15
30
Amps
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz), TC = 130°C
IFRM
30
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
Amps
Peak Repetitive Reverse Surge Current (2.0
µs, 1.0 kHz)
IRRM
1.0
Amp
Storage Temperature
Tstg
– 65 to +175
°C
Operating Junction Temperature
TJ
– 65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
THERMAL CHARACTERISTICS (PER LEG)
Thermal Resistance — Junction to Case
— Junction to Ambient (1)
R
θJC
R
θJA
1.5
50
°C/W
(1) When mounted using minimum recommended pad size on FR–4 board.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBRB2545CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MBRB2545CT
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES
45 VOLTS
CASE 418B–02
D2PAK
Motorola Preferred Device
4
3
1
1
3
4
Rev 2


Similar Part No. - MBRB2545CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2545CT GE-MBRB2545CT Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2545CT MCC-MBRB2545CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2545CT GOOD-ARK-MBRB2545CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRB2545CT BILIN-MBRB2545CT Datasheet
203Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBRB2545CT VISHAY-MBRB2545CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results

Similar Description - MBRB2545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB2515L ONSEMI-MBRB2515L Datasheet
60Kb / 4P
SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com