Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH2 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DCH2
Description  Switching wallmount power supply 2 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DCH2 Datasheet(HTML) 2 Page - Emerson Network Power

  DCH2 Datasheet HTML 1Page - Emerson Network Power DCH2 Datasheet HTML 2Page - Emerson Network Power DCH2 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.70”
(17.9)
1.50”
(38)
72.83”
(1850)
1.50”
(38 ± 0.2)
PIN OUT DETAIL
OD (-)
ID (+)
Rev. 6.30.09_24
DCH2 Series
2 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum
Load
Peak Load
Ripple
P/P (PARD)1
DCH2-050US-0001
2 W
6.5V
0
0.3A
0.5A
800mV
DCH2-050EU-0001
2 W
6.5V
0
0.3A
0.5A
800mV
DCH2-050UK-0001
2 W
6.5V
0
0.3A
0.5A
800mV
DCH2-050AU-0001
2 W
6.5V
0
0.3A
0.5A
800mV
1. Peak-to-peakwith1MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
2. OutputshouldnotbecroundedforEMIpurpose.
MechanicalDrawings
DCH2-050US-0001
0.70”
(17.9)
1.50”
(38)
72.83”
(1850)
0.55”
(14)
1.42”
(36.1)
PIN OUT DETAIL
OD (-)
ID (+)
DCH2-050EU-0001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com